Electronic Components Datasheet Search
  English  ▼

X  

LP4054 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # LP4054
Description  600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LP4054 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button LP4054 Datasheet HTML 6Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 7Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 8Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 9Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 10Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 11Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 12Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 13Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Preliminary
LP4054
LP4054-datasheet V1.0
Sep.-2006
10-10
these three states –this method is discussed in the
Applications Information section.
Charge Termination
An internal thermal feedback loop reduces the
programmed charge current if the die temperature
attempts to rise above a preset value of approximately
120℃. This feature protects the LP4054 from excessive
temperature and allows the user to push the limits of the
power handling capability of a given circuit board
without risk of damaging the LP4054. The charge
current can be set according to typical (not worst-case)
ambient temperature with the assurance that the
charger will automatically reduce the current in
worst-case conditions. ThinSOT power considerations
are discussed further in the Applications Information
section.
Undervoltage Lockout (UVLO)
An internal undervoltage lockout circuit monitors the
input voltage and keeps the charger in shutdown mode
until VCC rises above the undervoltage lockout
threshold .The UVLO circuit has a built-in hysteresis of
200mV. Furthermore, to protect against reverse current
in the power MOSFET, the UVLO circuit keeps the
charger in shutdown mode if VCC falls to within 30mV of
the battery voltage. If the UVLO comparator is tripped,
the charger will not come out of shutdown mode until
VCC rises 100mV above the battery voltage.
Manual Shutdown
At any point in the charge cycle, the LP4054 can
be put into shutdown mode by removing RPROG
thus floating the PROG pin. This reduces the
battery drain current to less than 2µA and the
supply current to less than 50µA. A new charge
cycle can be initiated by reconnecting the
program resistor. In manual shutdown, the
CHRG pin is in a weak
pull-down state as long as VCC is high enough to
exceed the UVLO conditions. The CHRG pin is in a high
impedance state if the LP4054 is in under voltage
lockout mode: either VCC is within 100mV of the BAT
pin voltage or insufficient voltage is applied to the VCC
pin.
Automatic Recharge
Once the charge cycle is terminated, the LP4054
continuously monitors the voltage on the BAT pin using
a comparator with a 2ms filter time (TRECHARGE). A
charge cycle restarts when the battery voltage falls
below 4.05V (which corresponds to approximately 80%
to 90% battery capacity). This ensures that the battery
is kept at or near a fully charged condition and
eliminates the need for periodic charge cycle initiations.
CHRG output enters a strong pull-down state during
recharge cycles.
Application Information
Stability Considerations
The constant-voltage mode feedback loop is stable
without an output capacitor provided a battery is
connected to the charger output. With no battery
present, an output capacitor is recommended to reduce
ripple voltage. When using high value, low ESR ceramic
capacitors, it is recommended to add a 1Ω resistor in
series with the capacitor. No series resistor is needed if
tantalum capacitors are used. In constant-current mode,
the PROG pin is in the feedback loop, not the battery.
The constant-current mode stability is affected by the
impedance at the PROG pin. With no additional
capacitance on the PROG pin, the charger is stable with
program resistor values as high as 20k. However,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com