Electronic Components Datasheet Search
  English  ▼

X  

LP4054 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # LP4054
Description  600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LP4054 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button LP4054 Datasheet HTML 5Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 6Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 7Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 8Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 9Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 10Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 11Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 12Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Preliminary
LP4054
LP4054-datasheet V1.0
Sep.-2006
9-9
Operation
The LP4054 is a single cell lithium-ion battery charger
using a constant-current/constant-voltage algorithm. It
can deliver up to 800mA of charge current (using a
good thermal PCB layout) with a final float voltage
accuracy of ± 1%
. The LP4054 includes an internal
P-channel power MOSFET and thermal regulation
circuitry. No blocking diode or external current sense
resistor is required; thus, the basic charger circuit
requires only two external components. Furthermore,
the LP4054 is capable of operating from a USB power
source.
Normal Charge Cycle
A charge cycle begins when the voltage at the VCC pin
rises above the UVLO threshold level and a 1%
program resistor is connected from the PROG pin to
ground or when a battery is connected to the charger
output. If the BAT pin is less than 2.9V, the charger
enters trickle charge mode. In this mode, the LP4054
supplies approximately 1/10 the programmed charge
current to bring the battery voltage up to a safe level for
full current charging. (Note: The LP4054X does not
include this trickle charge feature).
When the BAT pin voltage rises above 2.9V, the
charger enters constant-current mode, where the
programmed charge current is supplied to the battery.
When the BAT pin approaches the final float voltage
(4.2V), the LP4054 enters constant-voltage mode and
the charge current begins to decrease. When the
charge current drops to 1/10 of the programmed value,
the charge cycle ends.
Programming Charge Current
The charge current is programmed using a single
resistor from the PROG pin to ground. The battery
charge current is 1000 times the current out of the
PROG pin. The program resistor and the charge current
are
calculated
using
the
following
equations:
The charge current out of the BAT pin can be
determined at any time by monitoring the PROG pin
voltage using the following equation:
Charge Termination
A charge cycle is terminated when the charge
current falls to 1/10th the programmed value after the
final float voltage is reached. This condition is detected
by using an internal, filtered comparator to monitor the
PROG pin. When the PROG pin voltage falls below
100mV for longer than tTERM (typically 1ms), charging
is terminated. The charge current is latched off and the
LP4054 enters standby mode, where the input supply
current drops to 200µA.
When charging, transient loads on the BAT pin can
cause the PROG pin to fall below 100mV for short
periods of time before the DC charge current has
dropped to 1/10th the programmed value. The 1ms filter
time (TTERM) on the termination comparator ensures that
transient loads of this nature do not result in premature
charge cycle termination. Once the average charge
current drops below 1/10th the programmed value, the
LP4054 terminates the charge cycle and ceases to
provide any current through the BAT pin. In this state,
all loads on the BAT pin must be supplied by the
battery.
The LP4054 constantly monitors the BAT pin voltage in
standby mode. If this voltage drops below the 4.05V
recharge threshold (VRECHRG), another charge cycle
begins and current is once again supplied to the battery.
To manually restart a charge cycle when in standby
mode, the input voltage must be removed and reapplied,
or the charger must be shut down and restarted using
the PROG pin. Figure 7 shows the state diagram of a
typical charge cycle.
Charge Status Indicator(CHRG)
The charge status output has three different states:
strong pull-down(~10mA), weak pull-down (~12µA) and
high impedance. The strong pull-down state indicates
that the LP4054 is in a charge cycle. Once the charge
cycle has terminated , the pin state is determined by
undervoltage lockout conditions. A weak pull-down
indicates that VCC meets the UVLO conditions and the
LP4054 is ready to charge. High impedance indicates
that the LP4054 is in undervoltage lockout mode: either
VCC is less than 100mV above the BAT pin voltage or
insufficient voltage is applied to the VCC pin. A
microprocessor can be used to distinguish between



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com