Electronic Components Datasheet Search
  English  ▼

X  

68HC705RC17 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # 68HC705RC17
Description  The MC68HC705RC17 is a general-purpose, low-cost addition to the M68HC05 Family of microcontroller units (MCUs) and is suitable for remote control applications.
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705RC17 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button 68HC705RC17 Datasheet HTML 59Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 60Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 61Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 62Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 63Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 64Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 65Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 66Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 126 page
background image
Core Timer
Core Timer Counter Register
MC68HC705RC17 — Rev. 2.0
General Release Specification
Core Timer
8.4 Core Timer Counter Register
The timer counter register is a read-only register that contains the
current value of the 8-bit ripple counter at the beginning of the timer
chain. This counter is clocked by the CPU clock (E/4) and can be used
for various functions, including a software input capture. Extended time
periods can be attained using the TOF function to increment a temporary
RAM storage location, thereby simulating a 16-bit (or more) counter.
The power-on cycle clears the entire counter chain and begins clocking
the counter. After 4064 cycles, the power-on reset circuit is released,
which again clears the counter chain and allows the device to come out
of reset. At this point, if RESET is not asserted, the timer starts counting
up from zero and normal device operation begins. When RESET is
asserted any time during operation (other than POR and low-power
reset), the counter chain is cleared.
8.5 Computer Operating Properly (COP) Reset
The COP watchdog timer function is implemented on this device by
using the output of the RTI circuit and further dividing it by eight. The
minimum COP reset rates are listed in Table 8-1. If the COP circuit times
out, an internal reset is generated and the normal reset vector is fetched.
Preventing a COP time out or clearing the COP is accomplished by
writing a 0 to bit 0 of address $3FF0. When the COP is cleared, only the
final divide-by-eight stage (output of the RTI) is cleared.
Address:
$0009
Bit 7
654321
Bit 0
Read:
D7
D6
D5
D4
D3
D2
D1
D0
Write:
Reset:
00000000
= Unimplemented
Figure 8-3. Core Timer Counter Register (CTCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com