Electronic Components Datasheet Search
  English  ▼

X  

68HC705RC17 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # 68HC705RC17
Description  The MC68HC705RC17 is a general-purpose, low-cost addition to the M68HC05 Family of microcontroller units (MCUs) and is suitable for remote control applications.
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705RC17 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button 68HC705RC17 Datasheet HTML 60Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 61Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 62Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 63Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 64Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 65Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 66Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 67Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 126 page
background image
Core Timer
General Release Specification
MC68HC705RC17 — Rev. 2.0
Core Timer
If the COP watchdog timer is allowed to time out, an internal reset is
generated to reset the MCU.
The COP remains enabled after execution of the WAIT instruction and
all associated operations apply. If the STOP instruction is disabled,
execution of STOP instruction causes the CPU to execute a no
operation (NOP) instruction. In addition, the COP is prohibited from
being held in reset. This prevents a device lock-up condition.
This COP’s objective is to make it impossible for this device to become
stuck or locked-up and to be sure the COP is able to rescue the part from
any situation where it might entrap itself in abnormal or unintended
behavior. This function is a mask option.
8.6 Timer During Wait Mode
The CPU clock halts during wait mode, but the timer remains active. If
interrupts are enabled, a timer interrupt will cause the processor to exit
wait mode. The COP is always enabled while in user mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com