Electronic Components Datasheet Search
  English  ▼

X  

68HC705RC17 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 68HC705RC17
Description  The MC68HC705RC17 is a general-purpose, low-cost addition to the M68HC05 Family of microcontroller units (MCUs) and is suitable for remote control applications.
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705RC17 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 68HC705RC17 Datasheet HTML 5Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 6Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 7Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 8Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 9Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 10Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 11Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 12Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 126 page
background image
Table of Contents
MC68HC705RC17 — Rev. 2.0
General Release Specification
Table of Contents
12.3.4
Extended . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .99
12.3.5
Indexed, No Offset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .100
12.3.6
Indexed, 8-Bit Offset . . . . . . . . . . . . . . . . . . . . . . . . . . . . .100
12.3.7
Indexed,16-Bit Offset. . . . . . . . . . . . . . . . . . . . . . . . . . . . .100
12.3.8
Relative . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .101
12.4
Instruction Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .101
12.4.1
Register/Memory Instructions . . . . . . . . . . . . . . . . . . . . . .102
12.4.2
Read-Modify-Write Instructions . . . . . . . . . . . . . . . . . . . . .103
12.4.3
Jump/Branch Instructions . . . . . . . . . . . . . . . . . . . . . . . . .104
12.4.4
Bit Manipulation Instructions . . . . . . . . . . . . . . . . . . . . . . .106
12.4.5
Control Instructions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .107
12.5
Instruction Set Summary . . . . . . . . . . . . . . . . . . . . . . . . . . . .108
12.6
Opcode Map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .113
Section 13. Electrical Specifications
13.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .115
13.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .115
13.3
Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .116
13.4
Operating Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .117
13.5
Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . .117
13.6
DC Electrical Characteristics (5.0 Vdc). . . . . . . . . . . . . . . . . .118
13.7
DC Electrical Characteristics (3.3 Vdc). . . . . . . . . . . . . . . . . .119
13.8
Control Timing (3.3 Vdc and 5.0 Vdc). . . . . . . . . . . . . . . . . . .120
Section 14. Mechanical Specifications
14.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .121
14.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .121
14.3
28-Pin Plastic Dual In-Line Package
(Case 710-02) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .121
14.4
28-Pin Small Outline Integrated Circuit Package
(Case 751F-04) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .122
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com