Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 37 Page - Analog Devices

Part # LT3045
Description  Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 37 Page - Analog Devices

Back Button LT3045 Datasheet HTML 33Page - Analog Devices LT3045 Datasheet HTML 34Page - Analog Devices LT3045 Datasheet HTML 35Page - Analog Devices LT3045 Datasheet HTML 36Page - Analog Devices LT3045 Datasheet HTML 37Page - Analog Devices LT3045 Datasheet HTML 38Page - Analog Devices LT3045 Datasheet HTML 39Page - Analog Devices LT3045 Datasheet HTML 40Page - Analog Devices LT3045 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
Data Sheet
LT3097
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 37 of 45
STABILITY AND INPUT CAPACITANCE
The LT3097 is stable with a minimum 4.7 μF INP pin capacitor
for the positive regulator and 10 μF INN pin capacitor for the
negative regulator. Analog Devices, Inc., recommends using low
ESR ceramic capacitors. In cases where long wires connect the
power supply to the input and ground terminals of the LT3097,
the use of low-value input capacitors combined with a large load
current can result in instability. The resonant LC tank circuit formed
by the wire inductance and the input capacitor is the cause of this
instability and not the LT3097.
The self-inductance, or isolated inductance, of a wire is directly
proportional to its length. The wire diameter, however, has less
influence on its self-inductance. For example, the self-inductance of
a 2-AWG isolated wire with a diameter of 0.26" is about half the
inductance of a 30-AWG wire with a diameter of 0.01". One foot of
30-AWG wire has 465 nH of self-inductance.
Several methods exist to reduce the self-inductance of a wire. One
method divides the current flowing toward the LT3097 between
the two parallel conductors. In this case, placing the wires further
apart reduces the inductance; up to a 50% reduction when placed
only a few inches apart. Splitting the wires connect two equal
inductors in parallel. However, when placed close to each other,
their mutual inductance adds to the overall self-inductance of the
wires; therefore, a 50% reduction is not possible in such cases.
The second and more effective technique to reduce the overall
inductance is to place the forward and return current conductors
(the input and ground wires) close. Two 30-AWG wires separated
by 0.02" reduce the overall inductance to about one-fifth of a single
wire.
If a battery mounted close powers the LT3097, a 4.7 μF/10 μF input
capacitor suffices for stability for the positive/negative regulator.
However, if a distantly located supply powers the LT3097, use a
larger value input capacitor. Use a rough guideline of 1 μF (in
addition to the 4.7 μF/10 μF minimum) per 6" of wire length. The
minimum input capacitance required to stabilize the application also
varies with the output capacitance as well as the load current. Place
additional capacitance on the output of the LT3097 to help with this
issue. However, this approach requires significantly more capaci-
tance compared to additional input bypassing. Series resistance
between the supply and the input of the LT3097 also helps stabilize
the application; as little as 0.1 Ω to 0.5 Ω suffices. This impedance
dampens the LC tank circuit at the expense of the dropout voltage.
A better alternative is to use a higher ESR tantalum or electrolytic
capacitor at the input of the LT3097 in parallel with a 4.7 μF/10 μF
ceramic capacitor for the positive/negative regulator.
PSRR AND INPUT CAPACITANCE
For applications using the LT3097 for post-regulating switching
converters, placing a capacitor directly at the input of the LT3097
results in AC current (at the switching frequency) flowing near the
LT3097. This relatively high-frequency switching current generates
a magnetic field that couples to the output of the LT3097, degrading
its effective PSRR. While highly dependent on the PCB, the switch-
ing preregulator, and the input capacitance, among other factors,
the PSRR degradation can easily be more than 30 dB at 1 MHz.
This degradation is present even if the LT3097 is desoldered from
the board because it effectively degrades the PSRR of the PCB
itself. While negligible for conventional, low PSRR, LDO regulators,
the ultra-high PSRR of the LT3097 requires careful attention to
higher-order parasitics to extract the full performance offered by the
regulator.
To mitigate the flow of the high-frequency switching current near the
LT3097, as long as the output capacitor of the switching converter
is located more than an inch away from the LT3097, remove the
input capacitor of the LT3097. Magnetic coupling rapidly decreases
with increasing distance. Nonetheless, if the switching preregulator
is placed too far away (conservatively more than a couple of
inches) from the LT3097, with no input capacitor present, as with
any regulator, the input of the LT3097 oscillates at the parasitic
LC resonance frequency. In addition, it is generally a common
(and preferred) practice to bypass the regulator input with some
capacitance. Therefore, this option is fairly limited in its scope and
not the most palatable solution.
To that end, Analog Devices, Inc., recommends using the LT3097
demonstration board layout for achieving the best possible PSRR
performance. For more details refer to the LT3097 evaluation board
user guide (EVAL-LT3097-AZ. The LT3097 evaluation board layout
uses magnetic-field cancellation techniques to prevent PSRR deg-
radation caused by this high-frequency current flow, while using the
input capacitor.
FILTERING HIGH-FREQUENCY SPIKES
For applications where the LT3097 is used to post-regulate a
switching converter, its high PSRR effectively suppresses any noise
present at the switching frequency of the switching converter, typi-
cally 100 kHz to 4 MHz. However, the high-frequency (hundreds
of MHz) spikes, beyond the bandwidth of the LT3097, associated
with the power-switch transition times of the switching converter
almost directly pass through the LT3097. While the output capacitor
is intended partly to absorb these spikes, its ESL limits its ability at
these frequencies. A ferrite bead or even the inductance associated
with a short (for example, 0.5”) PCB trace between the output of the
switching converter and the input of the LT3097 can serve as an LC
filter to suppress these high-frequency spikes.
OUTPUT NOISE
The LT3097 offers many advantages with respect to noise perform-
ance. Traditional linear regulators have several sources of noise.
The most critical noise sources for a traditional regulator are its
voltage reference, error amplifier, noise from the resistor-divider
network used for setting the output voltage, and the noise gain
created by this resistor-divider. Many low-noise regulators pin out
their voltage reference to allow for noise reduction by bypassing the
reference voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com