Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 44 Page - Analog Devices

Part # LT3045
Description  Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 44 Page - Analog Devices

Back Button LT3045 Datasheet HTML 37Page - Analog Devices LT3045 Datasheet HTML 38Page - Analog Devices LT3045 Datasheet HTML 39Page - Analog Devices LT3045 Datasheet HTML 40Page - Analog Devices LT3045 Datasheet HTML 41Page - Analog Devices LT3045 Datasheet HTML 42Page - Analog Devices LT3045 Datasheet HTML 43Page - Analog Devices LT3045 Datasheet HTML 44Page - Analog Devices LT3045 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
Data Sheet
LT3097
RELATED PRODUCTS
analog.com
Rev. 0 | 44 of 45
Table 6. Related Products
Model
Description
Comments
LT3032
Dual 150 mA Positive/Negative Low Noise Low Dropout
Linear Regulator
20 μV rms noise (positive) and 30 μV rms noise (negative), VIN = ±2.3 V to ±20 V, 300 mV
dropout voltage per channel, 4 mm × 3 mm DFN package
LT3045
20 V, 500 mA, ultralow noise, ultrahigh PSRR linear regulator 0.8 μV rms noise and 76 dB PSRR at 1 MHz, VIN = 1.8 V to 20 V, 260 mV dropout voltage, 3
mm × 3 mm DFN and MSOP packages
LT3094
−20 V, 500 mA, ultralow noise, ultrahigh PSRR negative
linear regulator
0.8 μV rms noise and 74 dB PSRR at 1 MHz, VIN = –1.8 V to –20 V, 235 mV dropout voltage,
programmable current limit and power good, 3 mm × 3 mm DFN and MSOP packages
LT3045-1
20 V, 500 mA, ultralow noise, ultrahigh PSRR linear regulator
with VIOC control
0.8 μV rms noise and 75 dB PSRR at 1 MHz, VIN = 1.8 V to 20 V, 260 mV dropout voltage, 3
mm × 3 mm DFN and MSOP packages
LT3042
20 V, 200 mA, ultralow noise, ultrahigh PSRR RF linear
regulator
0.8 μV rms noise and 79 dB PSRR at 1 MHz, VIN = 1.8 V to 20 V, 350 mV dropout voltage,
programmable current limit and power good, 3 mm × 3 mm DFN and MSOP packages
LT3041
20 V, 1 A, ultra-low noise, ultra-high PSRR linear regulator
with VIOC control
1 μV rms noise and 80 dB PSRR at 1 MHz, VIN = 2.2 V to 20 V, 310 mV dropout voltage,
programmable current limit and power good, 4 mm × 3 mm DFN package
LT3040
20 V, 200 mA, ultralow noise, ultrahigh PSRR precision DAC/
reference buffer
1.2 μV rms noise and 73dB PSRR at 1 MHz, VIN = 1.8 V to 20 V, 350 mV dropout voltage, 3
mm × 3 mm DFN and MSOP Packages
LT3093
−20 V, 200 mA, ultralow noise, ultrahigh PSRR negative
linear regulator
0.8 μV rms noise and 73 dB PSRR at 1 MHz, VIN = –1.8 V to –20 V, 190 mV dropout voltage,
programmable current limit and power good, 3 mm × 3 mm DFN and MSOP packages
ADP1761
1 A, Low VIN, low noise, CMOS linear regulator
2 μV rms noise and 41 dB PSRR at 1 MHz, VIN = 1.10 V to 1.98 V, 30 mV dropout voltage,
soft-start and power good, 3 mm x 3 mm LFCSP package
ADP7156
1.2 A, ultralow noise, high PSRR, fixed output, RF linear
regulator
1.6 μV rms noise and 60 dB PSRR at 1 MHz, VIN = 2.3 V to 5.5 V, 120 mV dropout voltage,
3 mm × 3 mm LFCSP and 8-lead SOIC packages
ADP7157
1.2 A, ultralow noise, high PSRR, adjustable output, RF
linear regulator
1.6 μV rms noise and 55 dB PSRR at 1 MHz, VIN = 2.3 V to 5.5 V, 120 mV dropout voltage,
3 mm × 3 mm LFCSP and 8-lead SOIC packages
ADM7150
800 mA, ultralow noise, high PSRR, fixed output, RF linear
regulator
1.6 μV rms noise and 60 dB PSRR at 1 MHz, VIN = 4.5 V to 16 V, 600 mV dropout voltage, 3
mm × 3 mm LFCSP and 8-lead SOIC packages
ADM7151
800 mA, ultralow noise, high PSRR, adjustable output, RF
linear regulator
1.6 μV rms noise and 60 dB PSRR at 1 MHz, VIN = 4.5 V to 16 V, 600 mV dropout voltage, 3
mm × 3 mm LFCSP and 8-lead SOIC packages
MAX38913
4 μV rms, ultra-low noise, 1 A, LDO with two-level, output-
voltage selection
4 μV rms noise and 50 dB PSRR at 1 MHz, VIN = 1.8 V to 5.5 V, 28 mV dropout voltage, fast
active discharge and power-OK, 3 mm × 3 mm TDFN and WLP packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com