Electronic Components Datasheet Search
  English  ▼

X  

LTM4660 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM4660
Description  160A DC/DC Power μModule Regulator with PMBus Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4660 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM4660 Datasheet HTML 4Page - Analog Devices LTM4660 Datasheet HTML 5Page - Analog Devices LTM4660 Datasheet HTML 6Page - Analog Devices LTM4660 Datasheet HTML 7Page - Analog Devices LTM4660 Datasheet HTML 8Page - Analog Devices LTM4660 Datasheet HTML 9Page - Analog Devices LTM4660 Datasheet HTML 10Page - Analog Devices LTM4660 Datasheet HTML 11Page - Analog Devices LTM4660 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTP8803-1A
8
Rev. 0
For more information www.analog.com
COMPENSATION
The LTP8803-1A offers programmable loop compen-
sation to optimize the transient response without any
hardware change. A Type 3 filter architecture has been
implemented. To tailor the loop response to the specific
application, the low frequency gain, zero location, pole
location and high frequency gain can all be set individually
(see the Digital Filter Programming Registers section).
From the sensed voltage to the duty cycle, the transfer
function of the filter in z-domain is resolved by Equation 1.
H(z)
=
D
LFG
•
1
(1
− z−1)
+
C
HFG
1
−
B
256
z−1
⎛
⎝⎜
⎞
⎠⎟
1
−
A
256
z−1
⎛
⎝⎜
⎞
⎠⎟
⎛
⎝
⎜
⎜
⎜
⎞
⎠
⎟
⎟
⎟
(1)
Where:
A = filter pole register value (in decimal), 0xFE03.
B = filter zero register value (in decimal), 0xFE02.
C = high frequency gain register value (in decimal),
0xFE04.
D = low frequency gain register value (in decimal),
0xFE01.
LFG = 4.7744 × 107/fSW.
HFG = 2.984 × 106/fSW.
As shown in Figure 1, adjusting low frequency gain reg-
ister value will change the gain of the compensation over
the low frequency range without moving the pole and zero
locations. Adjusting high frequency gain register value
will change the gain of the compensation over the high
frequency range without moving the pole and zero loca-
tions. As shown in Figure 2, adjusting the pole and zero
register values will move the double poles and double
zeroes of the compensation. Increasing the filter zero and
pole register values will separate the double zeroes and
double poles. It is recommended that LTpowerPlay® be
used to program the filter.
It is recommended that the user determines the appro-
priate value for the compensation registers using the
LTpowerCAD® tool. An example of the bode plot of
the typical application circuit with the recommended
compensation settings is shown in Figure 3. Measured
bode plot of the LTP8803-1A in circuit Figure 10 with
register setting (in decimal): 0xFE02 = 210, 0xFE03 =
120, 0xFE04 = 95, 0xFE01 = 20. (Crossover frequency:
31.6kHz, phase margin 45.3 degree, gain margin 13.4dB.)
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
5
10
15
20
25
30
35
40
45
50
55
88031a F01
LG INCREASE
HG INCREASE
Figure 1. Compensation Gain Adjustment
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
88031a F02
5
10
15
20
25
30
35
40
45
50
55
ZERO
INCREASE
POLE
INCREASE
Figure 2. Compensation Poles and Zeroes Adjustment
Figure 3. Measured Bode Plot of the LTP8803-1A
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com