Electronic Components Datasheet Search
  English  ▼

X  

LTM4660 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM4660
Description  160A DC/DC Power μModule Regulator with PMBus Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4660 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM4660 Datasheet HTML 12Page - Analog Devices LTM4660 Datasheet HTML 13Page - Analog Devices LTM4660 Datasheet HTML 14Page - Analog Devices LTM4660 Datasheet HTML 15Page - Analog Devices LTM4660 Datasheet HTML 16Page - Analog Devices LTM4660 Datasheet HTML 17Page - Analog Devices LTM4660 Datasheet HTML 18Page - Analog Devices LTM4660 Datasheet HTML 19Page - Analog Devices LTM4660 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTP8803-1A
16
Rev. 0
For more information www.analog.com
TYPICAL APPLICATION
100Ω
1.30k
1.00k
100pF
5k
5k
3.3k
VIN
7V0
3V3
SYNC
CTRL
SMBALERT
SDA
SCL
ISHARE
ADD
GND
VS–
VS+
VOUT
3.3k
750Ω
1.30k
1.00k
100pF
VIN
7V0
3V3
SYNC
CTRL
SMBALERT
SDA
SCL
ISHARE
ADD
GND
VS–
VS+
VOUT
1.33k
1.30k
1.00k
100pF
VIN
7V0
3V3
SYNC
CTRL
SMBALERT
SDA
SCL
ISHARE
ADD
GND
VS–
VS+
VOUT
10k
4.75k
4.75k
4.75k
7.5Ω
D1
D2
D3
7V
3V3
3V3
ISHARE BUS
SCL
SDA
SMBALERT
ON/OFF CTRL
SYNC CLOCK
7V
3V3
VOUT = 1.15V, 480A
ISHARE BUS
SCL
SDA
SMBALERT
ON/OFF CTRL
SYNC CLOCK
7V
3V3
ISHARE BUS
SCL
SDA
SMBALERT
ON/OFF CTRL
SYNC CLOCK
TRIM+
TRIM–
TRIM+
TRIM–
TRIM+
TRIM–
2.2µF
×2
7.5Ω
7.5Ω
VIN
45V TO 65V
VIN
45V TO 65V
VIN
45V TO 65V
88031a F12
600kHz
WITH
50%
DUTY
CYCLE
LTP8803-1A
LTP8803-1A
LTP8803-1A
C6
100µF
×40
C5
10µF
×24
C7
560µF
×40
2.2µF
×2
2.2µF
×2
C1: EEE-FK2A470AQ
C2, C3, C4: GRM31CC72A475KE11L
C5: C1608X7S0J106M080AC
C6: GRM32EC70G107ME15L
C7: EEFGX0D561R
D1, D2, D3: BAT54WS
Figure 12. 3-Phase Operation Producing 1.15V at 480A with Power System Management Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com