Electronic Components Datasheet Search
  English  ▼

X  

LTM4660 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM4660
Description  160A DC/DC Power μModule Regulator with PMBus Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4660 Datasheet(HTML) 3 Page - Analog Devices

  LTM4660 Datasheet HTML 1Page - Analog Devices LTM4660 Datasheet HTML 2Page - Analog Devices LTM4660 Datasheet HTML 3Page - Analog Devices LTM4660 Datasheet HTML 4Page - Analog Devices LTM4660 Datasheet HTML 5Page - Analog Devices LTM4660 Datasheet HTML 6Page - Analog Devices LTM4660 Datasheet HTML 7Page - Analog Devices LTM4660 Datasheet HTML 8Page - Analog Devices LTM4660 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTP8803-1A
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
7V0 Supply
7V0
7V0 Operating Range
l
6.5
7
7.5
V
7V0 (UVLO)
7V0 Undervoltage
7V0 Rising
l
4.5
V
7V0 Falling
l
3.5
V
I7V0
7V0 Input Current
l
0.25
0.30
A
3V3 Supply
3V3
3V3 Operating Range
l
3.0
3.3
3.6
V
3V3 (UVLO)
3V3 Undervoltage
3V3 Rising
l
3.0
V
3V3 Falling
l
2.75
V
I3V3
3V3 Input Current
l
60
70
mA
Output Specifications
IOUT
Output Current Range
l
0
160
A
IOUT(MAX)
Output Current Limit
200
A
VOUT
Regulated Output Voltage
IOUT = 0A, VIN = 54V, VOUT Set to 1.200V,
TJ = 25°C
1.194
1.200
1.206
V
IOUT = 0A, VIN = 54V, VOUT Set to 1.200V,
TJ = 0°C to 125°C
l
1.182
1.200
1.218
V
VOUT(LOAD+LINE)
Line + Load Regulation
IOUT = 0A to 160A, VIN = 45V to 65V
l
1.188
1.200
1.212
V
VOUT(AC)
VOUT(PK-PK)
VIN = 54V, VOUT = 1.20V,
COUT = 800µF MLCC, 5.6mF POSCAP
5.3
mV
VOUT(RMS)
VIN = 54V, VOUT = 1.20V,
COUT = 800µF MLCC, 5.6mF POSCAP
2.1
mV
TSTART
Start Time
CTRL High to VOUT = 1.20V
3
ms
TSTOP
Stop Time
CTRL Low to Output Disable
10
µs
ΔVOUT(LS)
Maximum Output Voltage Excursion
for Dynamic Load Step
VIN = 54V, VOUT = 1.20V,
IOUT = 120A to 160A at 40A/μs,
COUT = 800µF MLCC, 5.6mF POSCAP
30
mV
TSETTLE
VOUT Settling Time to 1%
VIN = 54V, VOUT = 1.20V,
IOUT = 120A to 160A at 40A/μs,
COUT = 800µF MLCC, 5.6mF POSCAP
50
µs
Efficiency
VIN = 54V, VOUT = 1.20V, IOUT = 40A
88.3
%
VIN = 54V, VOUT = 1.20V, IOUT = 80A
91.7
%
VIN = 54V, VOUT = 1.20V, IOUT = 120A
91.7
%
VIN = 54V, VOUT = 1.20V, IOUT = 160A
90.7
%
Oscillator
fSW
Switching Frequency
Switching Frequency Set to 600kHz
l
582
600
618
kHz
fSYNC
SYNC Range
l
556
600
640
kHz
PMBus Monitoring
IMON(OUT)
Output Current Monitor
VIN = 54V, VOUT = 1.20V, IOUT = 160A
l
±3
%
IMON(IN)
Input Current Monitor
VIN = 54V, VOUT = 1.20V, IOUT = 160A
l
±5
%
VOUTMON
Output Voltage Monitor
VIN = 54V, VOUT = 1.20V, IOUT = 0A,
TJ = 25°C
±0.5
%
VIN = 54V, VOUT = 1.20V, IOUT = 0A,
TJ = 0°C to 125°C
l
–1.5
+1.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com