Electronic Components Datasheet Search
  English  ▼

X  

D64348 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # D64348
Description  1800–2200 MHz, 32 W AVG., 48 V AIRFAST RF POWER GaN TRANSISTOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

D64348 Datasheet(HTML) 2 Page - NXP Semiconductors

  D64348 Datasheet HTML 1Page - NXP Semiconductors D64348 Datasheet HTML 2Page - NXP Semiconductors D64348 Datasheet HTML 3Page - NXP Semiconductors D64348 Datasheet HTML 4Page - NXP Semiconductors D64348 Datasheet HTML 5Page - NXP Semiconductors D64348 Datasheet HTML 6Page - NXP Semiconductors D64348 Datasheet HTML 7Page - NXP Semiconductors D64348 Datasheet HTML 8Page - NXP Semiconductors D64348 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
RF Device Data
NXP Semiconductors
A2G22S160- 01SR3
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain- Source Voltage
VDSS
125
Vdc
Gate- Source Voltage
VGS
–8, 0
Vdc
Operating Voltage
VDD
0to +55
Vdc
Storage Temperature Range
Tstg
–65 to +150
C
Case Operating Temperature Range
TC
–55 to +150
C
Operating Junction Temperature Range (1)
TJ
–55 to +225
C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value(2)
Unit
Thermal Resistance, Junction to Case
Case Temperature 76C, 32 W CW, 48 Vdc, IDQ = 150 mA, 2140 MHz
RJC
1.7
C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22- A114)
1B
Machine Model (per EIA/JESD22- A115)
A
Charge Device Model (per JESD22- C101)
IV
Table 4. Electrical Characteristics (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Drain- Source Leakage Current
(VGS =–8Vdc, VDS =55Vdc)
IDSS
—
—
5
mAdc
Drain- Source Breakdown Voltage
(VGS =–8Vdc, ID =16.2mAdc)
V(BR)DSS
150
—
—
Vdc
On Characteristics
Gate Threshold Voltage
(VDS =10Vdc, ID =16.2 Adc)
VGS(th)
–3.8
–3.0
–2.3
Vdc
Gate Quiescent Voltage
(VDD =48Vdc, ID = 150 mAdc, Measured in Functional Test)
VGS(Q)
–3.6
–3.0
–2.3
Vdc
1. Continuous use at maximum temperature will affect MTTF.
2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.nxp.com/RF and search for AN1955.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com