Electronic Components Datasheet Search
  English  ▼

X  

D64348 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # D64348
Description  1800–2200 MHz, 32 W AVG., 48 V AIRFAST RF POWER GaN TRANSISTOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

D64348 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button D64348 Datasheet HTML 9Page - NXP Semiconductors D64348 Datasheet HTML 10Page - NXP Semiconductors D64348 Datasheet HTML 11Page - NXP Semiconductors D64348 Datasheet HTML 12Page - NXP Semiconductors D64348 Datasheet HTML 13Page - NXP Semiconductors D64348 Datasheet HTML 14Page - NXP Semiconductors D64348 Datasheet HTML 15Page - NXP Semiconductors D64348 Datasheet HTML 16Page - NXP Semiconductors D64348 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
A2G22S160- 01SR3
13
RF Device Data
NXP Semiconductors
P1dB - TYPICAL LOAD PULL CONTOURS — 1840 MHz
2
–2
46
8
2
16
0
–6
–12
10
–4
4
–8
–10
12
14
2
–2
46
8
2
16
0
–6
–12
10
–4
4
–8
–10
12
14
2
–2
46
8
2
16
0
–6
–12
10
–4
4
–8
–10
12
14
NOTE:
= Maximum Output Power
= Maximum Drain Efficiency
P
E
Gain
Drain Efficiency
Linearity
Output Power
Figure 20. P1dB Load Pull Output Power Contours (dBm)
REAL ()
2
–2
46
8
2
16
0
–6
–12
Figure 21. P1dB Load Pull Efficiency Contours (%)
REAL ()
Figure 22. P1dB Load Pull Gain Contours (dB)
REAL ()
Figure 23. P1dB Load Pull AM/PM Contours ()
REAL ()
10
47.5
P
E
48.5
50.5
51
48
49
49.5
50
P
E
–4
4
–8
–10
12
14
60
58
54
62
56
64
68
66
19.5
19
21.5
23
21
22
22.5
20.5
20
–28
–30
–32
–34
–24
–26
P
E
P
E
50
–36
–38
–40
48.5
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com