Electronic Components Datasheet Search
  English  ▼

X  

D64348 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # D64348
Description  1800–2200 MHz, 32 W AVG., 48 V AIRFAST RF POWER GaN TRANSISTOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

D64348 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button D64348 Datasheet HTML 8Page - NXP Semiconductors D64348 Datasheet HTML 9Page - NXP Semiconductors D64348 Datasheet HTML 10Page - NXP Semiconductors D64348 Datasheet HTML 11Page - NXP Semiconductors D64348 Datasheet HTML 12Page - NXP Semiconductors D64348 Datasheet HTML 13Page - NXP Semiconductors D64348 Datasheet HTML 14Page - NXP Semiconductors D64348 Datasheet HTML 15Page - NXP Semiconductors D64348 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
RF Device Data
NXP Semiconductors
A2G22S160- 01SR3
Table 10. Load Pull Performance — Maximum Power Tuning
VDD =28Vdc, IDQ =140 mA, Pulsed CW, 10 sec(on), 10% Duty Cycle
f
(MHz)
Zsource
()
Zin
()
Max Output Power
P1dB
Zload (1)
()
Gain (dB)
(dBm)
(W)
D
(%)
AM/PM
()
1805
1.26 – j5.77
1.57 + j5.91
8.58 – j5.21
19.9
51.6
145
60.9
–41
1840
1.64 – j5.93
1.84 + j6.11
9.10 – j5.90
19.9
51.4
137
59.2
–38
1880
1.97 – j6.03
2.06 + j6.39
8.40 – j6.54
19.7
51.1
129
56.5
–34
f
(MHz)
Zsource
()
Zin
()
Max Output Power
P3dB
Zload (2)
()
Gain (dB)
(dBm)
(W)
D
(%)
AM/PM
()
1805
1.26 – j5.77
1.46 + j5.88
9.56 – j3.93
18.3
52.2
167
68.4
–34
1840
1.64 – j5.93
1.64 + j6.03
9.50 – j4.67
17.7
52.1
163
67.1
–32
1880
1.97 – j6.03
1.98 + j6.41
9.42 – j5.46
17.8
51.9
156
64.2
–29
(1) Load impedance for optimum P1dB power.
(2) Load impedance for optimum P3dB power.
Zsource = Measured impedance presented to the input of the device at the package reference plane.
Zin
= Impedance as measured from gate contact to ground.
Zload = Measured impedance presented to the output of the device at the package reference plane.
Table 11. Load Pull Performance — Maximum Drain Efficiency Tuning
VDD =28Vdc, IDQ =140 mA, Pulsed CW, 10 sec(on), 10% Duty Cycle
f
(MHz)
Zsource
()
Zin
()
Max Drain Efficiency
P1dB
Zload (1)
()
Gain (dB)
(dBm)
(W)
D
(%)
AM/PM
()
1805
1.26 – j5.77
1.51 + j6.34
6.08 – j0.80
21.8
50.3
107
70.2
–38
1840
1.64 – j5.93
1.71 + j6.74
5.51 – j1.09
22.1
50.0
100
69.9
–36
1880
1.97 – j6.03
2.05 + j7.16
5.18 – j1.44
22.1
49.6
92
68.8
–34
f
(MHz)
Zsource
()
Zin
()
Max Drain Efficiency
P3dB
Zload (2)
()
Gain (dB)
(dBm)
(W)
D
(%)
AM/PM
()
1805
1.26 – j5.77
1.58 + j6.43
6.86 – j0.08
20.0
51.2
130
77.2
–36
1840
1.64 – j5.93
1.91 + j6.84
6.28 – j0.28
20.3
50.8
120
77.5
–35
1880
1.97 – j6.03
2.42 + j7.30
5.75 – j0.50
20.3
50.3
108
77.0
–37
(1) Load impedance for optimum P1dB efficiency.
(2) Load impedance for optimum P3dB efficiency.
Zsource = Measured impedance presented to the input of the device at the package reference plane.
Zin
= Impedance as measured from gate contact to ground.
Zload = Measured impedance presented to the output of the device at the package reference plane.
Input Load Pull
Tuner and Test
Circuit
Device
Under
Test
Zsource Zin
Zload
Output Load Pull
Tuner and Test
Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com