Electronic Components Datasheet Search
  English  ▼

X  

DHM5 Datasheet(PDF) 4 Page - Sensata Technologies, Inc.

Part # DHM5
Description  INCREMENTAL IO-LINK ENCODERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DHM5 Datasheet(HTML) 4 Page - Sensata Technologies, Inc.

  DHM5 Datasheet HTML 1Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 2Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 3Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 4Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 5Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 6Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 7Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 8Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.sensata.com
Page 4
Copyright © 2023 Sensata Technologies Inc.
DHM5_06 Connection GMA (Axial M12)
13
39,5
10
2
10,5
10
3xM4 8mm
(120°)
3xM3 8mm
(x120°)
48
5,5 (Flat)
58,5
M12
DHK5_14 Connection I6R (Radial M23)
2
23,5
36,5
9
22
48
3xM4 8mm
(x120°)
3xM3 6mm
(x120°)
14 H7
M23
58,5
DHO5_14 Standard clamping, Connection I6R (Radial M23)
23,5
40
2,5
2
48
3xM4 8mm
(x120°)
3xM3 6mm
(x120°)
M23
58,5
14 H7
SHEET 1 OF 1
M173
A
DHO514_ M23 connector
Output_Radial
DEVICE:
PROJECT:
REV.
A
4
TITLE
DWG NO.
SCALE
1/1
EUROPEAN
SYSTEM
SOLIDWORKS
DATE :
APPROVED : JHH
25/03/2022
SIZE
A3
SENSATA TECHNOLOGIES PROPRIETARY AND
CONFIDENTIAL. NEITHER THIS PRINT NOR THE
INFORMATION CONTAINED HEREON IS TO BE USED
AGAINST THE INTERESTS OF SENSATA TECHNOLOGIES
OR AGAINST THE INTERESTS OF ANY OF ITS AFFILIATED
COMPANIES OR WHOLLY OWNED SUBSIDIARIES.
DO NOT
SCALE
DRAWING
B
C
D
C
D
A
B
3
2
1
3
4
2
1
UNLESS OTHERWISE
SPECIFIED DIMENSIONS ARE IN MILLIMETERS
[INCHES] AND ARE INTENDED
AS NOMINAL. SEE PRODUCT SPECIFICATION
FOR MORE DETAILS.
UNCONTROLLED COPY
BEI SENSORS SAS
Espace Européen de l’Entreprise
9, rue de Copenhague
BP 70044 - F 67013 STRASBOURG Cedex
Tel : +33 (0)3 88 20 81 40
FIRST ISSUE DATE : 25/03/2022
RHM
DRAWN :
DATE :
ECN :
Zinc Alloy
Housing material :
Flange material :
Shaft material :
Aluminum
AISI 303
23,5
40
2,5
2
48
3xM4 8mm
(x120°)
3xM3 6mm
(x120°)
M23
58,5
14 H7
SHEET 1 OF 1
M173
A
DHO514_ M23 connector
Output_Radial
DEVICE:
PROJECT:
REV.
A
4
TITLE
DWG NO.
SCALE
1/1
EUROPEAN
SYSTEM
SOLIDWORKS
DATE :
APPROVED : JHH
25/03/2022
SIZE
A3
SENSATA TECHNOLOGIES PROPRIETARY AND
CONFIDENTIAL. NEITHER THIS PRINT NOR THE
INFORMATION CONTAINED HEREON IS TO BE USED
AGAINST THE INTERESTS OF SENSATA TECHNOLOGIES
OR AGAINST THE INTERESTS OF ANY OF ITS AFFILIATED
COMPANIES OR WHOLLY OWNED SUBSIDIARIES.
DO NOT
SCALE
DRAWING
B
C
D
C
D
A
B
3
2
1
3
4
2
1
UNLESS OTHERWISE
SPECIFIED DIMENSIONS ARE IN MILLIMETERS
[INCHES] AND ARE INTENDED
AS NOMINAL. SEE PRODUCT SPECIFICATION
FOR MORE DETAILS.
UNCONTROLLED COPY
BEI SENSORS SAS
Espace Européen de l’Entreprise
9, rue de Copenhague
BP 70044 - F 67013 STRASBOURG Cedex
Tel : +33 (0)3 88 20 81 40
FIRST ISSUE DATE : 25/03/2022
RHM
DRAWN :
DATE :
ECN :
Zinc Alloy
Housing material :
Flange material :
Shaft material :
Aluminum
AISI 303



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com