Electronic Components Datasheet Search
  English  ▼

X  

DHM5 Datasheet(PDF) 7 Page - Sensata Technologies, Inc.

Part # DHM5
Description  INCREMENTAL IO-LINK ENCODERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DHM5 Datasheet(HTML) 7 Page - Sensata Technologies, Inc.

  DHM5 Datasheet HTML 1Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 2Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 3Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 4Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 5Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 6Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 7Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 8Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.sensata.com
Page 7
Copyright © 2023 Sensata Technologies Inc.
DHO5_14 Standard clamping, Connection GMR (Radial M12), coupling 9445/015 mounted on the body
31
45
5
81
64
36°
3,2
3,2
SHEET 1 OF 1
M172
A
M9445/015 on AHO514/BFR
DEVICE:
PROJECT:
REV.
A
4
TITLE
DWG NO.
SCALE
1/1
EUROPEAN
SYSTEM
SOLIDWORKS
DATE :
APPROVED : JHH
25/03/2022
SIZE
A3
SENSATA TECHNOLOGIES PROPRIETARY AND
CONFIDENTIAL. NEITHER THIS PRINT NOR THE
INFORMATION CONTAINED HEREON IS TO BE USED
AGAINST THE INTERESTS OF SENSATA TECHNOLOGIES
OR AGAINST THE INTERESTS OF ANY OF ITS AFFILIATED
COMPANIES OR WHOLLY OWNED SUBSIDIARIES.
DO NOT
SCALE
DRAWING
B
C
D
C
D
A
B
3
2
1
3
4
2
1
UNLESS OTHERWISE
SPECIFIED DIMENSIONS ARE IN MILLIMETERS
[INCHES] AND ARE INTENDED
AS NOMINAL. SEE PRODUCT SPECIFICATION
FOR MORE DETAILS.
UNCONTROLLED COPY
BEI SENSORS SAS
Espace Européen de l’Entreprise
9, rue de Copenhague
BP 70044 - F 67013 STRASBOURG Cedex
Tel : +33 (0)3 88 20 81 40
FIRST ISSUE DATE : 25/03/2022
RHM
DRAWN :
DATE :
ECN :
Zinc Alloy
Housing material :
Flange material :
Shaft material :
Aluminum
AISI 303
DHO5S14/OM/ Flange side clamping, Connection IPR (Radial M23)", coupling 9445/016 mounted on the
body
42
1,5
64
R35
36°
3,2
For an optimized installation meeting industrial standards, refer to the Instructions Manual.
The Instructions Manual provides the technical information (drawings, electrical data, etc...) for a proper integration.
GENERAL NOTES
AGENCY APPROVALS & CERTIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com