Electronic Components Datasheet Search
  English  ▼

X  

DHM5 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # DHM5
Description  INCREMENTAL IO-LINK ENCODERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DHM5 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  DHM5 Datasheet HTML 1Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 2Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 3Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 4Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 5Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 6Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 7Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 8Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Page 1
www.sensata.com
Copyright © 2023 Sensata Technologies Inc.
| DHM5 - DHK5 - DHO5
INCREMENTAL IO-LINK ENCODERS
SPECIFICATIONS
Features
Applications
Introduction
Mechanical
• Incremental encoder with IO-link programmable parameters
• IO-Link COM3 with minimal cycle time of 1ms
• Absolute position available via IO-link
• Easy programming with standard IO-Link tool
• Simple device replacement with Data Storage capability
• Universal Electronic Circuits from 4.75 to 30 Vdc
• Robust and excellent resistance to shock and vibration
• High protection level IP65, IP67 option with a sealing flange
• Operating temperature range from -40°C to 85°C
• Standard M12 connector available
• Factory automation
• Motor feedback
• Conveyors
• Automated warehousing
• General industrial system monitoring and feedback
DHM5
DHK5
DHO5
Material
Cover: Zinc Alloy
Body: Aluminium
Shaft: Stainless Steel
Bearings
6000 Series
6803 Series
Maximum Loads
Axial
50 N
20 N
Radial
100 N
50 N
Shaft inertia
2,5.10-6 kg.m2 (10mm)
2,9.10-6 kg.m2 (14mm)
3,2.10-6 kg.m2 (14mm)
Torque
4.10-3 N.m
16.10-3 N.m
20.10-3 N.m
Permissible Max. Speed
12 000 min-1
6 000 min-1
Continuous Max. Speed
10 000 min-1
6 000 min-1
Encoder Weight (Approx.)
0,300 kg
Theoretical Mechanical Lifetime 109 turns
(F
axial / Fradial)
30 N / 60 N : 26
20 N / 40 N : >36
Built from a solid and reliable mechanical and electrical platform, this product series was built from the ground up for reliability and robustness. Electrical
protection is built in to reduce “first installation” errors. Mechanically, the high precision sealed bearings mean long life, even in harsh conditions. And the
product is tested and rated to perform from -40 to +85°C. This is the best all around encoder in a 58mm package for heavy duty industrial use.


Similar Part No. - DHM5

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
DHM5 SENSATA-DHM5 Datasheet
238Kb / 4P
PROGRAMMABLE INCREMENTAL ENCODERS
Rev. 03/29/18
DHM5 SENSATA-DHM5 Datasheet
1,005Kb / 10P
58MM SOLID - BLIND - HOLLOW SHAFT INCREMENTAL ENCODERS
Rev:08/02/22
DHM5 SENSATA-DHM5 Datasheet
221Kb / 5P
FIXED RESOLUTION INCREMENTAL ENCODERS
Rev. 03/29/18
DHM5-06//2G29//01024//G3R SENSATA-DHM5-06//2G29//01024//G3R Datasheet
221Kb / 5P
FIXED RESOLUTION INCREMENTAL ENCODERS
Rev. 03/29/18
DHM5-06//2G29//01024//G6R SENSATA-DHM5-06//2G29//01024//G6R Datasheet
221Kb / 5P
FIXED RESOLUTION INCREMENTAL ENCODERS
Rev. 03/29/18
More results

Similar Description - DHM5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4111-AQ120 ETC1-P4111-AQ120 Datasheet
31Kb / 2P
Incremental Encoders
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
Incremental encoders
GE333 IVO-GE333 Datasheet
537Kb / 4P
Incremental encoders
GE355 IVO-GE355 Datasheet
526Kb / 4P
Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
Incremental encoders
GI328 IVO-GI328 Datasheet
423Kb / 2P
Incremental encoders
GI331 IVO-GI331 Datasheet
592Kb / 4P
Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
Incremental encoders
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com