Electronic Components Datasheet Search
  English  ▼

X  

AL-D06 Datasheet(PDF) 11 Page - IDEC Corporation

Part # AL-D06
Description  A6 Series — Miniature Switches and Pilot Devices: 16mm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AL-D06 Datasheet(HTML) 11 Page - IDEC Corporation

Back Button AL-D06 Datasheet HTML 6Page - IDEC Corporation AL-D06 Datasheet HTML 7Page - IDEC Corporation AL-D06 Datasheet HTML 8Page - IDEC Corporation AL-D06 Datasheet HTML 9Page - IDEC Corporation AL-D06 Datasheet HTML 10Page - IDEC Corporation AL-D06 Datasheet HTML 11Page - IDEC Corporation AL-D06 Datasheet HTML 12Page - IDEC Corporation AL-D06 Datasheet HTML 13Page - IDEC Corporation AL-D06 Datasheet HTML 14Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
551
800-262-IDEC (4332) • USA & Canada
ø16mm - A6 Series
Switches & Pilot Devices
1705151131
Appearance
Description
Used With
Part Number
Flush Bezel
ø24mm round, metal (aluminum color), panel cut-out ø20.2mm
Pushbuttons, pilot lights, illuminated
pushbutton, selector switches, key
selector switches and illuminated
selector switches.
A6 Switch
+
Flush Bezel
=
Flush Switch
LA9Z-SM61
ø24mm round, plastic (black), square panel cut-out ø20.2mm
LA9Z-S61B
24mm square, plastic (black), panel cut-out 20.2 x 20.2mm
LA9Z-S71B
24 x 30mm rectangular, plastic (black), rectangular
panel cut-out ø20.2 x 26.2mm
LA9Z-S81B
Switch Guard
w/ Flush Bezel
(spring return)
Rectangular, plastic (black)
LA9Z-KS8
Schematics — A Series: 5/8” (16mm)
Terminal Arrangement (Top View)
Illuminated Pushbuttons
Non-illuminated Pushbuttons and Selector
Switches
Pilot Lights
NC1
NO1
C1
Lamp
Terminal (+)
Lamp
Terminal (–)
(TOP)
NC1
NO1
C1
NC2
NO2
C2
Lamp
Terminal (+)
Lamp
Terminal (–)
(TOP)
NC1
NO1
C1
(TOP)
NC1
NO1
C1
NC2
NO2
C2
(TOP)
Lamp
Terminal (+)
Lamp
Terminal (–)
(TOP)
SPDT Contact
(Single-pole/Double Throw)
DPDT Contact
(Double-pole/Double Throw)
SPDT Contact
(Single-pole/Double
Throw)
DPDT Contact
(Double-pole/Double
Throw)
IDEC’s Superbright LED Internal Circuits
LATD-1,-2,-6 (GS)
LATD-5 (ARWY)
LED Chip
Protective Diode
Zener Diode
LATD-1,-2,-6 (ARWY)
LATD-5 (GS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com