Electronic Components Datasheet Search
  English  ▼

X  

AL-D06 Datasheet(PDF) 5 Page - IDEC Corporation

Part # AL-D06
Description  A6 Series — Miniature Switches and Pilot Devices: 16mm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AL-D06 Datasheet(HTML) 5 Page - IDEC Corporation

  AL-D06 Datasheet HTML 1Page - IDEC Corporation AL-D06 Datasheet HTML 2Page - IDEC Corporation AL-D06 Datasheet HTML 3Page - IDEC Corporation AL-D06 Datasheet HTML 4Page - IDEC Corporation AL-D06 Datasheet HTML 5Page - IDEC Corporation AL-D06 Datasheet HTML 6Page - IDEC Corporation AL-D06 Datasheet HTML 7Page - IDEC Corporation AL-D06 Datasheet HTML 8Page - IDEC Corporation AL-D06 Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
545
800-262-IDEC (4332) • USA & Canada
ø16mm - A6 Series
Switches & Pilot Devices
1705151131
AL6 Illuminated Pushbuttons (Sub-Assembled)
Operator
+
LED Lamp
+
Lens
=
Completed Unit
Operators
Style
Contact
Operator
Part Number
Round
Square
Rectangular
AL6 Illuminated Pushbuttons
SPDT
Momentary
AL6M-M100
AL6Q-M100
AL6H-M100
Maintained
AL6M-A100
AL6Q-A100
AL6H-A100
DPDT
Momentary
AL6M-M200
AL6Q-M200
AL6H-M200
Maintained
AL6M-A200
AL6Q-A200
AL6H-A200
Oversize rectangular button uses square operator.
Lenses
Unit
Part Number
Degree of Protection
Dustproof (IP40)
Oiltight (IP65)
Size
Standard
Standard
Oversize
Round
AL6M-LK1-k
AL6M-LK2-k
AL6M-LK2-M k
Square
AL6Q-LK1-k
AL6Q-LK2-k
AL6Q-LK2-Q k
Rectangular
AL6H-LK1-k
AL6H-LK2-k
AL6Q-LK2-H k
1. In place of k, specify Lens Color Code from table below.
2. Lenses which are rated IP65 include a waterproof rubber gasket.
3. For accessories, see page.
k
Lens/LED Color Code
Color
Code
Amber
A
Green
G
Red
R
Blue
S
Warm White
W
Cool White
JW
Yellow
Y
LED Lamps
Appearance
Rated Voltage
Part Number
5V DC
LATD-5 k
6V AC/DC
LATD-6 k
12V AC/DC
LATD-1 k
24V AC/DC
LATD-2 k
1. In place of k, specify LED Color Code from table at left.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com