Electronic Components Datasheet Search
  English  ▼

X  

AL-D06 Datasheet(PDF) 14 Page - IDEC Corporation

Part # AL-D06
Description  A6 Series — Miniature Switches and Pilot Devices: 16mm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AL-D06 Datasheet(HTML) 14 Page - IDEC Corporation

Back Button AL-D06 Datasheet HTML 6Page - IDEC Corporation AL-D06 Datasheet HTML 7Page - IDEC Corporation AL-D06 Datasheet HTML 8Page - IDEC Corporation AL-D06 Datasheet HTML 9Page - IDEC Corporation AL-D06 Datasheet HTML 10Page - IDEC Corporation AL-D06 Datasheet HTML 11Page - IDEC Corporation AL-D06 Datasheet HTML 12Page - IDEC Corporation AL-D06 Datasheet HTML 13Page - IDEC Corporation AL-D06 Datasheet HTML 14Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
ø16mm - A6 Series
Switches & Pilot Devices
554
www.IDEC.com
1705151131
Terminal Sockets
PC Board Terminal Type
(AL-C6V)
Lamp
Terminal (+)
Lamp
Terminal (–)
(TOP)
8-1.6
Holes
Terminal 1.5×0.3t
NC1 NC2
NO1 NO2
C1
C2
0
+0.3
16.2
3.8
33.5
66
3
2.5
Solder Terminal Type
(AL-C6)
2.5
3
66
16.2
7.5
33.5
TOP
PC Board
Mounting Hole Layout
(Bottom View)
Terminal Arrangement
(Bottom View)
Dust Covers
Panel Cut-Outs For Units w/Dust Cover
AL-D6, Round
AL-DQ6, Square
AL-DH6, Rectangular
Round/Square
Rectangular
ø24
Waterproof Gasket
for Dust Cover
24
Waterproof Gasket
for Dust Cover
30
Waterproof Gasket
for Dust Cover
ø16.2 0
+0.2
30 min.
ø16.2 0
+0.2
24 min.
Marking Plates
Pushbuttons with Standard Size Lens
Style
Round—AL6M-W Square—AL6Q-W Rectangular—AL6H-W
Dimensions
øa
Marking
Area
c
a
Engraving
Area
a2
Engraving
Area
OD2
Ø 5/8” (16mm)
Outside (OD)
(13.8mm)
(13.8mm)
(OD1 x OD2) 13.8 x
19.8mm
Marking Area
(a)
(12mm)
(12mm)
(a1xa2) 12 x 18mm
Engraving must be made on the engraving area within 0.02” (0.5mm) deep.
Pushbuttons with Oversize Lens
Style
Round—AL6M-MW
Square/Rectangular—AL6Q-QW
Dimensions
øOD
øa
Marking
Area
Marking
Area
a
OD
Outside (OD)
Ø 0.491” (12.6mm)
0.491” (12.6mm)
Marking Area
(a)
Ø 0.429” (11mm)
0.429” (11mm)
Replacing and Marking Plate
Removal
Remove the lens holder assembly (lens, marking plate and holder) from the opera-
tor by holding the color lens recesses with the lens removal tool (Part No.MT-101)
and pulling out. Remove marking plate by pushing the color lens from the rear to
disengage the latches. Marking plate must be engraved on the side as shown in
the figure on the right.
Fitting Grooves
Grooves
Engraving
Surface
Color Lens
Marking Plate
Lens Holder
Ø 5/8” (16mm)
Installation
For illuminated pushbuttons:
1. Insert marking plate inside lens in correct direction
2. Press color lens on to lens holder to engage latches.
3. Insert lens holder into housing in correct direction.
Do not loosen spring on illuminated pushbutton units (except on pilot light units). The
marking plate must be engraved on the front side as shown above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com