Electronic Components Datasheet Search
  English  ▼

X  

M58LR128FB Datasheet(PDF) 72 Page - STMicroelectronics

Part # M58LR128FB
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FB Datasheet(HTML) 72 Page - STMicroelectronics

Back Button M58LR128FB Datasheet HTML 68Page - STMicroelectronics M58LR128FB Datasheet HTML 69Page - STMicroelectronics M58LR128FB Datasheet HTML 70Page - STMicroelectronics M58LR128FB Datasheet HTML 71Page - STMicroelectronics M58LR128FB Datasheet HTML 72Page - STMicroelectronics M58LR128FB Datasheet HTML 73Page - STMicroelectronics M58LR128FB Datasheet HTML 74Page - STMicroelectronics M58LR128FB Datasheet HTML 75Page - STMicroelectronics M58LR128FB Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 82 page
background image
M58LR128FT, M58LR128FB
72/82
Figure 26. Erase Suspend & Resume Flowchart and Pseudo Code
Note: The Read Status Register command (Write 70h) can be issued just before or just after the Erase Resume command.
Write 70h
AI10116b
Read Status
Register
YES
NO
SR7 = 1
YES
NO
SR6 = 1
Erase Continues with
Bank in Read Status
Register Mode
Write D0h
Read data from another block
or
Program/Protection Register Program
or
Block Lock/Unlock/Lock-Down
Start
Write B0h
Erase Complete
Write FFh
Read Data
Write FFh
erase_suspend_command ( ) {
writeToFlash (bank_address, 0xB0) ;
writeToFlash (bank_address, 0x70) ;
/* read status register to check if
erase has already completed */
do {
status_register=readFlash (bank_address) ;
/* E or G must be toggled*/
} while (status_register.SR7== 0) ;
if (status_register.SR6==0) /*erase completed */
{ writeToFlash (bank_address, 0xFF) ;
read_data ( ) ;
/*The device returns to Read Array
(as if program/erase suspend was not issued).*/
}
else
{ writeToFlash (bank_address, 0xFF) ;
read_program_data ( );
/*read or program data from another block*/
writeToFlash (bank_address, 0xD0) ;
/*write 0xD0 to resume erase*/
writeToFlash (bank_address, 0x70) ;
/*read status register to check if erase has completed */
}
}
Write 70h(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com