Electronic Components Datasheet Search
  English  ▼

X  

M58LR128FB Datasheet(PDF) 11 Page - STMicroelectronics

Part # M58LR128FB
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FB Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M58LR128FB Datasheet HTML 7Page - STMicroelectronics M58LR128FB Datasheet HTML 8Page - STMicroelectronics M58LR128FB Datasheet HTML 9Page - STMicroelectronics M58LR128FB Datasheet HTML 10Page - STMicroelectronics M58LR128FB Datasheet HTML 11Page - STMicroelectronics M58LR128FB Datasheet HTML 12Page - STMicroelectronics M58LR128FB Datasheet HTML 13Page - STMicroelectronics M58LR128FB Datasheet HTML 14Page - STMicroelectronics M58LR128FB Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
11/82
M58LR128FT, M58LR128FB
should be as close as possible to the pack-
age). See Figure 9., AC Measurement Load Cir-
cuit. The PCB trace widths should be sufficient
to carry the required VPP program and erase
currents.
BUS OPERATIONS
There are six standard bus operations that control
the device. These are Bus Read, Bus Write, Ad-
dress Latch, Output Disable, Standby and Reset.
See Table 3., Bus Operations, for a summary.
Typically glitches of less than 5ns on Chip Enable
or Write Enable are ignored by the memory and do
not affect Bus Write operations.
Bus Read. Bus Read operations are used to out-
put the contents of the Memory Array, the Elec-
tronic Signature, the Status Register and the
Common Flash Interface. Both Chip Enable and
Output Enable must be at VIL in order to perform a
read operation. The Chip Enable input should be
used to enable the device. Output Enable should
be used to gate data onto the output. The data
read depends on the previous command written to
the memory (see Command Interface section).
See Figures 10, 11, 12 and 13 Read AC Wave-
forms, and Tables 21 and 22 Read AC Character-
istics, for details of when the output becomes
valid.
Bus Write. Bus Write operations write Com-
mands to the memory or latch Input Data to be
programmed. A bus write operation is initiated
when Chip Enable and Write Enable are at VIL with
Output Enable at VIH. Commands, Input Data and
Addresses are latched on the rising edge of Write
Enable or Chip Enable, whichever occurs first. The
addresses can also be latched prior to the write
operation by toggling Latch Enable. In this case
the Latch Enable should be tied to VIH during the
bus write operation.
See Figures 16 and 17, Write AC Waveforms, and
Tables 23 and 24, Write AC Characteristics, for
details of the timing requirements.
Address Latch. Address latch operations input
valid addresses. Both Chip enable and Latch En-
able must be at VIL during address latch opera-
tions. The addresses are latched on the rising
edge of Latch Enable.
Output Disable. The outputs are high imped-
ance when the Output Enable is at VIH.
Standby. Standby disables most of the internal
circuitry allowing a substantial reduction of the cur-
rent consumption. The memory is in standby when
Chip Enable and Reset are at VIH. The power con-
sumption is reduced to the standby level IDD4 and
the outputs are set to high impedance, indepen-
dently from the Output Enable or Write Enable in-
puts. If Chip Enable switches to VIH during a
program or erase operation, the device enters
Standby mode when finished.
Reset. During Reset mode the memory is dese-
lected and the outputs are high impedance. The
memory is in Reset mode when Reset is at VIL.
The power consumption is reduced to the Standby
level, independently from the Chip Enable, Output
Enable or Write Enable inputs. If Reset is pulled to
VSS during a Program or Erase, this operation is
aborted and the memory content is no longer valid.
Table 3. Bus Operations
Note: 1. X = Don't care.
2. L can be tied to VIH if the valid address has been previously latched.
3. Depends on G.
4. WAIT signal polarity is configured using the Set Configuration Register command.
Operation
E
G
W
L
RP
WAIT(4)
DQ15-DQ0
Bus Read
VIL
VIL
VIH
VIL
(2)
VIH
Data Output
Bus Write
VIL
VIH
VIL
VIL
(2)
VIH
Data Input
Address Latch
VIL
X
VIH
VIL
VIH
Data Output or Hi-Z (3)
Output Disable
VIL
VIH
VIH
X
VIH
Hi-Z
Hi-Z
Standby
VIH
XX
X
VIH
Hi-Z
Hi-Z
Reset
X
X
X
X
VIL
Hi-Z
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com