Electronic Components Datasheet Search
  English  ▼

X  

M58LR128FB Datasheet(PDF) 80 Page - STMicroelectronics

Part # M58LR128FB
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FB Datasheet(HTML) 80 Page - STMicroelectronics

Back Button M58LR128FB Datasheet HTML 74Page - STMicroelectronics M58LR128FB Datasheet HTML 75Page - STMicroelectronics M58LR128FB Datasheet HTML 76Page - STMicroelectronics M58LR128FB Datasheet HTML 77Page - STMicroelectronics M58LR128FB Datasheet HTML 78Page - STMicroelectronics M58LR128FB Datasheet HTML 79Page - STMicroelectronics M58LR128FB Datasheet HTML 80Page - STMicroelectronics M58LR128FB Datasheet HTML 81Page - STMicroelectronics M58LR128FB Datasheet HTML 82Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 80 / 82 page
background image
M58LR128FT, M58LR128FB
80/82
Table 44. Command Interface States - Lock Table, Next Output State
Note: 1. The output state shows the type of data that appears at the outputs if the bank address is the same as the command address. A
bank can be placed in Read Array, Read Status Register, Read Electronic Signature or Read CFI mode, depending on the com-
mand issued. Each bank remains in its last output state until a new command is issued to that bank. The next state does not depend
on the bank's output state.
2. CI = Command Interface, CR = Configuration Register, BEFP = Buffer Enhanced Factory Program, P/E. C. = Program/Erase Con-
troller, WA0 = Address in a block different from first BEFP address.
3. If the P/E.C. is active, both cycles are ignored.
4. BEFP Exit when Block Address is different from first Block Address and data are FFFFh.
5. Illegal commands are those not defined in the command set.
Current CI State
Command Input
Lock/CR
Setup(3)
(60h)
OTP
Setup(3)
(C0h)
Block Lock
Confirm
(01h)
Block
Lock-Down
Confirm
(2Fh)
Set CR
Confirm
(03h)
BEFP Exit(4)
(FFFFh)
Illegal
Command
(5)
WSM
Operation
Completed
Program Setup
Status Register
Output
Unchanged
Erase Setup
OTP Setup
Program in Erase
Suspend
BEFP Setup
BEFP Busy
Buffer Program
Setup
Buffer Program
Load 1
Buffer Program
Load 2
Buffer Program
Confirm
Buffer Program
Setup in Erase
Suspend
Buffer Program
Load 1 in Erase
Suspend
Buffer Program
Load 2 in Erase
Suspend
Buffer Program
Confirm in Erase
Suspend
Lock/CR Setup
Status Register
Array
Status Register
Lock/CR Setup in
Erase Suspend
OTP Busy
Status
Register
Output Unchanged
Array
Output
Unchanged
Ready
Program Busy
Erase Busy
Buffer Program
Busy
Program/Erase
Suspend
Buffer Program
Suspend
Program Busy in
Erase Suspend
Buffer Program
Busy in Erase
Suspend
Program Suspend in
Erase Suspend
Buffer Program
Suspend in Erase
Suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com