Electronic Components Datasheet Search
  English  ▼

X  

IL260B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IL260B
Description  High Speed Five Channel Digital Couplers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL260B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IL260B Datasheet HTML 1Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 2Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 3Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 4Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 5Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 6Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 7Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 8Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IL260 IL261
2
Absolute Maximum Ratings
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Storage Temperature
T
S
-55
175
°C
Ambient Operating Temperature
T
A
-55
125
°C
Supply Voltage
V
DD
1 ,VDD2
-0.5
7
V
Input Voltage
V
I
-0.5
V
DD+0.5
V
Output Voltage
V
O
-0.5
V
DD+0.5
V
Output Current
I
O
-10
10
mA
Drive Channel
Lead Solder Temperature
280
°C
10 s
ESD
2 kV Human Body Model
Recommended Operating Conditions
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Ambient Operating Temperature(1)
T
A
-40
85
°C
Supply Voltage
V
DD
1 ,VDD2
3.0
5.5
V
3.3/5.0 V Operation
Supply Voltage
V
DD
1 ,VDD2
4.5
5.5
V
5 V Operation
Logic High Input Voltage
V
IH
2.4
V
DD
mA
Logic Low Input Voltage
V
IL
0
0.8
V
Minimum Input Signal Rise and
Fall Times
t
IR, tIF
1
µsec
Insulation Specifications
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Creepage Distance (external)
0.15'' SOIC
4.026
mm
0.30'' SOIC
8.077
mm
Leakage Current(5)
0.2
µA
RMS
240 V
RMS
Barrier Impedance (5)
>1014||7
Ω || pC
Safety & Approvals
IEC61010-1
TUV Certificate Numbers:
Approval Pending
Classification
Model
Package
Pollution Degree
Material Group
Max. Working
Voltage
IL260, IL261
.30
'' 16-pin SOIC
II
III
300 VRMS
IL260-3, IL261-3
.15
'' 16-pin SOIC
II
III
150 VRMS
UL 1577
Component Recognition program. File #:
Approval Pending
Rated 2500VRMS for 1 minute (SOIC, PDIP), 1000VRMS for 1 minute (MSOP)
Electrostatic Discharge Sensitivity
This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, NVE recommends that all integrated
circuits be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage could range from performance
degradation to complete failure.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com