Electronic Components Datasheet Search
  English  ▼

X  

IL260B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IL260B
Description  High Speed Five Channel Digital Couplers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL260B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IL260B Datasheet HTML 1Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 2Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 3Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 4Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 5Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 6Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 7Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 8Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IL260 IL261
Isoloop® is a registered trademark of NVE Corporation.
*U.S. Patent number 5,831,426; 6,300,617 and others.
ISB-DS-001-IL612-A, January 20, 2005
NVE Corp., 11409 Valley View Road, Eden Prairie, MN 55344-3617, U.S.A.
Telephone: 952-829-9217, Fax 952-829-9189, www.isoloop.com
© 2005 NVE Corporation
High Speed Five Channel Digital Couplers
Functional Diagram
Features
• 3.3 V or 5 V CMOS/TTL Compatible
• 110 Mbps Data Rate
• 2500 V
RMS Isolation (1 min)
• 2 ns Typical Pulse Width Distortion
• 4 ns Typical Propagation Delay Skew
• 10 ns Typical Propagation Delay
• 30 kV/ms Typical Transient Immunity
• 2 ns Channel to Channel Skew
• 0.3'' and 0.15'' 16–Pin SOIC Packages
• Extended Temperature Range (-40°C to +85°C)
• UL1577 Approval Pending
• IEC 61010-1 Approval Pending
Applications
• ADCs and DACs
• Multiplexed Data Transmission
• Data Interfaces
• Board-To-Board Communication
• Digital Noise Reduction
• Operator Interface
• Ground Loop Elimination
• Peripheral Interfaces
• Parallel Bus
• Logic Level Shifting
• Plasma Displays
Description
NVE's family of high-speed digital isolators are CMOS
devices created by integrating active circuitry and our GMR-
based and patented* IsoLoop® technology. The IL260 and
IL261 are five channel versions of the world's fastest digital
isolator with a 110 Mbps data rate. This device provides the
designer with the most compact isolated logic devices yet
available. All transmit and receive channels operate at 110
Mbps over the full temperature and supply voltage range. The
symmetric magnetic coupling barrier provides a typical
propagation delay of only 10 ns and a pulse width distortion
of 2 ns achieving the best specifications of any isolator device.
Typical transient immunity of 30 kV/µs is unsurpassed. High
channel density make them ideally suited to isolating multiple
ADCs and DACs, parallel buses and peripheral interfaces.
Performance is specified over the temperature range of -40°C
to +85°C without any derating. .


Similar Part No. - IL260B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL260B ETC-IL260B Datasheet
489Kb / 7P
High Speed Five Channel Digital Coupler
IL260BTR13 ETC-IL260BTR13 Datasheet
489Kb / 7P
High Speed Five Channel Digital Coupler
More results

Similar Description - IL260B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL26X ETC-IL26X Datasheet
489Kb / 7P
High Speed Five Channel Digital Coupler
logo
API Technologies Corp
DDF6311 APITECH-DDF6311 Datasheet
1Mb / 1P
FIVE & SIX CHANNEL HIGH SPEED DRIVERS
DDF5311 APITECH-DDF5311 Datasheet
1Mb / 1P
FIVE & SIX CHANNEL HIGH SPEED DRIVERS
logo
List of Unclassifed Man...
SI8450 ETC2-SI8450 Datasheet
462Kb / 36P
LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8650 SILABS-SI8650 Datasheet
759Kb / 44P
LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
SI844X SILABS-SI844X Datasheet
1Mb / 32P
FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
SI8450 SILABS-SI8450 Datasheet
1Mb / 36P
LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
SI8650 SILABS-SI8650_18 Datasheet
914Kb / 42P
Low Power Five-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI8650 SKYWORKS-SI8650 Datasheet
1Mb / 42P
Low Power Five-Channel Digital Isolator
December 3, 2021
SI844X SKYWORKS-SI844X Datasheet
991Kb / 31P
FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Revision 0.1 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com