Electronic Components Datasheet Search
  English  ▼

X  

IL260B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IL260B
Description  High Speed Five Channel Digital Couplers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL260B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IL260B Datasheet HTML 1Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 2Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 3Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 4Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 5Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 6Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 7Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 8Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IL260 IL261
4
3.3 Volt Electrical Specifications
Electrical Specifications are Tmin to Tmax
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Quiescent Current
IL260
IL261
IDD1
30
1.5
50
2.0
µA
mA
Output Quiescent Current
IL260
IL261
IDD2
6.5
5.5
10
8
mA
mA
Logic Input Current
Ii
-10
10
µA
VDD-0.1
VDD
IO = -20 µA, VI=VIH
Logic High Output Voltage
VOH
0.8*VDD
VDD-0.5
V
IO = -4 mA, VI=VIH
0
0.1
IO = 20 µA, VI=VIL
Logic Low Output Voltage
VOL
0.5
0.8
V
IO = 4 mA, VI=VIL
Switching Specifications
Maximum Data Rate
100
110
Mbps
CL = 15 pF
Minimum Pulse Width
PW
10
ns
50% Points, V
O
Propagation Delay Input to Output
(High to Low)
tPHL
12
18
ns
CL = 15 pF,
Propagation Delay Input to Output
(Low to High)
tPLH
12
18
ns
CL = 15 pF,
Pulse Width Distortion |t
PHL-tPLH|
(2)
PWD
2
3
ns
CL = 15 pF
Propagation Delay Skew (3)
tPSK
4
6
ns
CL = 15 pF
Output Rise Time (10-90%)
tR
2
4
ns
CL = 15 pF
Output Fall Time (10-90%)
tF
2
4
ns
CL = 15 pF
Common Mode Transient Immunity
(Output Logic High to Logic Low)(4)
|CMH|,|CML|
20
30
kV/
µs
V
CN = 300 V
Channel to Channel Skew
2
3
ns
CL = 15 pF
Dynamic Power Consumption(6)
200
240
µA/MHz
per channel
5 Volt Electrical Specifications
Electrical Specifications are Tmin to Tmax
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Quiescent Current
IL260
IL261
IDD1
30
2.5
50
3.0
µA
mA
Output Quiescent Current
IL260
IL261
IDD2
10
8
15
12
mA
mA
Logic Input Current
Ii
-10
10
µA
VDD-0.1
VDD
IO = -20 µA, VI=VIH
Logic High Output Voltage
VOH
0.8*VDD
VDD-0.5
V
IO = -4 mA, VI=VIH
0
0.1
IO = 20 µA, VI=VIL
Logic Low Output Voltage
VOL
0.5
0.8
V
IO = 4 mA, VI=VIL
Switching Specifications
Maximum Data Rate
100
110
Mbps
CL = 15 pF
Minimum Pulse Width
PW
10
ns
50% Points, V
O
Propagations Delay Input to Output
(High to Low)
tPHL
10
15
ns
CL = 15 pF,
Propagations Delay Input to Output
(Low to High)
tPLH
10
15
ns
CL = 15 pF,
Pulse Width Distortion |t
PHL-tPLH|
(2)
PWD
2
3
ns
CL = 15 pF
Propagation Delay Skew (3)
tPSK
4
6
ns
CL = 15 pF
Output Rise Time (10-90%)
tR
1
3
ns
CL = 15 pF
Output Fall Time (10-90%)
tF
1
3
ns
CL = 15 pF
Common Mode Transient Immunity
(Output Logic High to Logic Low)
|CMH|,|CML|
20
30
kV/
µs
V
CN = 300 V
Channel to Channel Skew
2
3
ns
CL = 15 pF
Dynamic Power Consumption(6)
280
340
µA/MHz
per channel



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com