Electronic Components Datasheet Search
  English  ▼

X  

BFG25A/X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFG25A/X
Description  NPN 5 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFG25A/X Datasheet(HTML) 2 Page - NXP Semiconductors

  BFG25A/X Datasheet HTML 1Page - NXP Semiconductors BFG25A/X Datasheet HTML 2Page - NXP Semiconductors BFG25A/X Datasheet HTML 3Page - NXP Semiconductors BFG25A/X Datasheet HTML 4Page - NXP Semiconductors BFG25A/X Datasheet HTML 5Page - NXP Semiconductors BFG25A/X Datasheet HTML 6Page - NXP Semiconductors BFG25A/X Datasheet HTML 7Page - NXP Semiconductors BFG25A/X Datasheet HTML 8Page - NXP Semiconductors BFG25A/X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NXP Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFG25A/X
FEATURES
• Low current consumption
(100
µA to 1 mA)
• Low noise figure
• Gold metallization ensures
excellent reliability.
APPLICATIONS
• RF low power amplifiers, such as
pocket telephones, paging
systems, with signal frequencies
up to 2 GHz.
DESCRIPTION
NPN silicon wideband transistor in a
four-lead dual emitter SOT143B
plastic package (cross emitter).
PINNING
PIN
DESCRIPTION
1
collector
2
emitter
3
base
4
emitter
Fig.1 SOT143B.
Marking code:
%MU.
handbook, 2 columns
Top view
MSB014
12
3
4
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
−−
8V
VCEO
collector-emitter voltage
−−
5V
IC
collector current (DC)
−−
6.5
mA
Ptot
total power dissipation
Ts ≤ 165 °C
−−
32
mW
hFE
DC current gain
IC = 0.5 mA; VCE = 1 V
5080200
fT
transition frequency
IC = 1 mA; VCE =1V;
f = 500 MHz; Tamb =25 °C
3.5
5
−
GHz
GUM
maximum unilateral power gain
IC = 0.5 mA; VCE =1V;
f = 1 GHz; Tamb =25 °C
−
18
−
dB
F
noise figure
IC = 0.5 mA; VCE =1V;
f = 1 GHz;
Γ = Γopt; Tamb =25 °C
−
1.8
−
dB
IC = 1 mA; VCE = 1 V; f = 1 GHz;
Γ = Γopt; Tamb =25 °C
−
2
−
dB
Rev. 04 - 27 November 2007
2 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com