Electronic Components Datasheet Search
  English  ▼

X  

BFG25A/X Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BFG25A/X
Description  NPN 5 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFG25A/X Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BFG25A/X Datasheet HTML 2Page - NXP Semiconductors BFG25A/X Datasheet HTML 3Page - NXP Semiconductors BFG25A/X Datasheet HTML 4Page - NXP Semiconductors BFG25A/X Datasheet HTML 5Page - NXP Semiconductors BFG25A/X Datasheet HTML 6Page - NXP Semiconductors BFG25A/X Datasheet HTML 7Page - NXP Semiconductors BFG25A/X Datasheet HTML 8Page - NXP Semiconductors BFG25A/X Datasheet HTML 9Page - NXP Semiconductors BFG25A/X Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NXP Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFG25A/X
Fig.10 Minimum noise figure as a function of
collector current; typical values.
VCE =1V.
handbook, halfpage
4
2
1
0
3
MCD145
10−1
110
F
(dB)
IC (mA)
f = 2 GHz
1 GHz
500 MHz
Fig.11 Minimum noise figure as a function of
frequency; typical values.
VCE =1V.
handbook, halfpage
4
2
1
0
3
MCD146
102
104
103
F
(dB)
f (MHz)
IC = 2 mA
1 mA
0.5 mA
Fig.12 Common emitter noise figure circles; typical values.
IC = 1 mA; VCE = 1 V; f = 500 MHz; ZO =50 Ω; Maximum stable gain = 15.6 dB; Fmin = 1.9 dB; Γopt = 0.85, 5°; Rn/50 = 2.4.
handbook, full pagewidth
0.2
0.5
1
2
5
10
∞
0.2
0.5
1
2
5
10
0
+
j
– j
F
= 1.9 dB
min
stability
circle
unstable region
12 dB
OPT
*
MCD147
10
15
2
0.5
0.2
MSG
15.6 dB
14 dB
2.5 dB
4 dB
6 dB
Rev. 04 - 27 November 2007
6 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com