Electronic Components Datasheet Search
  English  ▼

X  

BFG25A/X Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFG25A/X
Description  NPN 5 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFG25A/X Datasheet(HTML) 4 Page - NXP Semiconductors

  BFG25A/X Datasheet HTML 1Page - NXP Semiconductors BFG25A/X Datasheet HTML 2Page - NXP Semiconductors BFG25A/X Datasheet HTML 3Page - NXP Semiconductors BFG25A/X Datasheet HTML 4Page - NXP Semiconductors BFG25A/X Datasheet HTML 5Page - NXP Semiconductors BFG25A/X Datasheet HTML 6Page - NXP Semiconductors BFG25A/X Datasheet HTML 7Page - NXP Semiconductors BFG25A/X Datasheet HTML 8Page - NXP Semiconductors BFG25A/X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NXP Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFG25A/X
Fig.2 Power derating curve.
handbook, halfpage
0
50
100
200
40
30
10
0
20
MRC038 - 1
150
Ptot
(mW)
Ts (
oC)
Fig.3
DC current gain as a function of collector
current; typical values.
VCE =1V.
handbook, halfpage
10
0
MCD138
1
10 1
10 2
10 3
40
100
h FE
I
(mA)
C
20
80
60
Fig.4
Feedback capacitance as a function of
collector-base voltage; typical values.
IC =ic = 0; f = 1 MHz.
handbook, halfpage
0
0.3
0.2
0.1
0
246
MCD139
C re
(pF)
V
(V)
CB
Fig.5
Transition frequency as a function of
collector current; typical values.
VCE = 1 V; f = 500 MHz; Tamb =25 °C.
handbook, halfpage
0
6
4
2
0
12
4
MCD140
3
I
(mA)
C
(GHz)
T
f
Rev. 04 - 27 November 2007
4 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com