Electronic Components Datasheet Search
  English  ▼

X  

OPA205 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA205
Description  OPAx205 4-μV, 0.08-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA205 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA205 Datasheet HTML 9Page - Texas Instruments OPA205 Datasheet HTML 10Page - Texas Instruments OPA205 Datasheet HTML 11Page - Texas Instruments OPA205 Datasheet HTML 12Page - Texas Instruments OPA205 Datasheet HTML 13Page - Texas Instruments OPA205 Datasheet HTML 14Page - Texas Instruments OPA205 Datasheet HTML 15Page - Texas Instruments OPA205 Datasheet HTML 16Page - Texas Instruments OPA205 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
6.9 Typical Characteristics (continued)
at TA = 25°C, VS = ±15V, VCM = VOUT = midsupply, and RL = 10 kΩ (unless otherwise noted)
Input Offset Voltage (µV)
0
5
10
15
20
25
-15
-12
-9
-6
-3
0
3
6
9
12
15
TA = 25°C
Figure 6-1. Offset Voltage Production Distribution at 25°C
Offset Voltage (µV)
0
5
10
15
20
25
-20
-15
-10
-5
0
5
10
15
20
TA = 125°C
Figure 6-2. Offset Voltage Distribution at 125°C
Offset Voltage (µV)
0
5
10
15
20
-20
-15
-10
-5
0
5
10
15
20
TA = –40°C
Figure 6-3. Offset Voltage Distribution at -40°C
Temperature (°C)
-50
-25
0
25
50
75
100
125
-20
-10
0
10
20
+3 Sigma
–3 Sigma
Figure 6-4. Offset Voltage vs Temperature
Offset Voltage Drift (µV/°C)
0
3
6
9
12
15
-0.1 -0.08 -0.06 -0.04 -0.02
0
0.02 0.04 0.06 0.08
0.1
Figure 6-5. Offset Voltage Drift Distribution
Output Voltage (V)
-18
-14
-10
-6
-2
2
6
10
14
18
-10
-8
-6
-4
-2
0
2
4
6
8
10
TA = –40°C
TA = 25°C
TA = 85°C
TA = 125°C
Figure 6-6. Offset Voltage vs Output Voltage
www.ti.com
OPA205, OPA2205, OPA4205
SBOS962F – APRIL 2020 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA205 OPA2205 OPA4205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com