Electronic Components Datasheet Search
  English  ▼

X  

OPA205 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA205
Description  OPAx205 4-μV, 0.08-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA205 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA205 Datasheet HTML 19Page - Texas Instruments OPA205 Datasheet HTML 20Page - Texas Instruments OPA205 Datasheet HTML 21Page - Texas Instruments OPA205 Datasheet HTML 22Page - Texas Instruments OPA205 Datasheet HTML 23Page - Texas Instruments OPA205 Datasheet HTML 24Page - Texas Instruments OPA205 Datasheet HTML 25Page - Texas Instruments OPA205 Datasheet HTML 26Page - Texas Instruments OPA205 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
8.3 Feature Description
8.3.1 Input Offset Trimming
The OPAx205 are the industry's first e-trim operational amplifiers built on a bipolar process. The input offset
voltage of an amplifier is determined by the inherent mismatch between the input transistors. The offset can be
minimized using laser-trimming performed during the manufacturing process while the devices are still in the
bare silicon form. However, when the silicon is packaged, the packaging process introduces additional offset due
to mechanic stresses. TI's new trimming processes are used to trim the offset after the packaging process is
complete to minimize both inherent and package-induced offsets. After trimming, communication is disabled to
make sure the amplifiers operate properly in the final system.
A comparison between production offset values for the industry-popular, laser-trimmed OPA2277 and the
OPAx205 proprietary trim can be seen in Figure 8-1 and Figure 8-2.
Offset Voltage (µV)
– 50– 45– 40– 35– 30– 25– 20– 15– 10 – 5 0 5 10 15 20 25 30 35 40 45 50
16
14
12
10
8
6
4
2
0
Typical distribution
of packaged units.
Single, dual, and
quad included.
Figure 8-1. OPA2277 Laser-Trimmed Operational
Amplifier Offset
Input Offset Voltage (µV)
0
5
10
15
20
25
-50
-40
-30
-20
-10
0
10
20
30
40
50
Figure 8-2. OPAx205 e-trim™ Operational Amplifier
Offset
The OPAx205 are also trimmed at two temperatures to minimize the input offset voltage drift over temperature.
The final performance of the offset drift can be seen in Figure 8-3.
Offset Voltage Drift (µV/°C)
0
3
6
9
12
15
-0.1 -0.08 -0.06 -0.04 -0.02
0
0.02 0.04 0.06 0.08
0.1
Figure 8-3. OPAx205 e-trim™ Operational Amplifier Drift
www.ti.com
OPA205, OPA2205, OPA4205
SBOS962F – APRIL 2020 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA205 OPA2205 OPA4205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com