Electronic Components Datasheet Search
  English  ▼

X  

OPA205 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA205
Description  OPAx205 4-μV, 0.08-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA205 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA205 Datasheet HTML 13Page - Texas Instruments OPA205 Datasheet HTML 14Page - Texas Instruments OPA205 Datasheet HTML 15Page - Texas Instruments OPA205 Datasheet HTML 16Page - Texas Instruments OPA205 Datasheet HTML 17Page - Texas Instruments OPA205 Datasheet HTML 18Page - Texas Instruments OPA205 Datasheet HTML 19Page - Texas Instruments OPA205 Datasheet HTML 20Page - Texas Instruments OPA205 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
6.9 Typical Characteristics (continued)
at TA = 25°C, VS = ±15V, VCM = VOUT = midsupply, and RL = 10 kΩ (unless otherwise noted)
Amplitude (VRMS)
-120
-114
-108
-102
-96
-90
-84
-78
-72
-66
-60
10m
100m
1
10
G = +1, 2 kohm Load
G = –1, 2 kohm Load
G = +1, 10 kohm Load
G = –1, 10 kohm Load
Figure 6-25. Total Harmonic Distortion + Noise Ratio
vs Output Amplitude
Frequency (Hz)
10
100
1000
100m
1
10
100
1k
10k
100k
Figure 6-26. Current Noise vs Frequency
Frequency (Hz)
0
5
10
15
20
25
30
35
40
1
10
100
1k
10k
100k
1M
10M
Vs = ±18 V
Vs = ±2.25 V
Figure 6-27. Maximum Output Voltage vs Frequency
Output Current (mA)
0
5
10
15
20
25
30
0
2.5
5
7.5
10
12.5
15
TA = –40°C
TA = 25°C
TA = 85°C
TA = 125°C
Figure 6-28. Output Voltage Swing vs Output Sourcing Current
Output Current (mA)
0
5
10
15
20
25
30
-15
-12.5
-10
-7.5
-5
-2.5
0
TA = –40°C
TA = 25°C
TA = 85°C
TA = 125°C
Figure 6-29. Output Voltage Swing vs Output Sinking Current
Frequency (Hz)
10
100
1000
1
10
100
1k
10k
100k
1M
10M
Figure 6-30. Open-Loop Output Impedance vs Frequency
www.ti.com
OPA205, OPA2205, OPA4205
SBOS962F – APRIL 2020 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA205 OPA2205 OPA4205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com