Electronic Components Datasheet Search
  English  ▼

X  

TLV709 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV709
Description  TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV709 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV709 Datasheet HTML 2Page - Texas Instruments TLV709 Datasheet HTML 3Page - Texas Instruments TLV709 Datasheet HTML 4Page - Texas Instruments TLV709 Datasheet HTML 5Page - Texas Instruments TLV709 Datasheet HTML 6Page - Texas Instruments TLV709 Datasheet HTML 7Page - Texas Instruments TLV709 Datasheet HTML 8Page - Texas Instruments TLV709 Datasheet HTML 9Page - Texas Instruments TLV709 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6.5 Electrical Characteristics
over operating junction temperature range (TJ = –40°C to 125°C), VIN = VOUT(nom) + 1 V, IOUT = 100 µA, and COUT = 1 μF
(unless otherwise noted); typical values are at TJ = 25°C. (1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage (2)
IO = 10 mA
2.5
30
V
10 mA ≤ IO < 50 mA
3.0
30
50 mA ≤ IO ≤ 150 mA
3.5
30
VOUT
Output voltage range
(TLV70901)
1.205
28
V
VFB
Internal reference(2)
1.12
1.205
1.24
VOUT
Output voltage
accuracy (1) (2)
(3)
Over VIN,
IOUT, and
temp
VOUT + 1 V ≤ VIN ≤ 30 V
100 µA ≤ IOUT ≤ 150 mA
–4
4
%
Over
VIN , IOUT, and
TJ = 25℃
VOUT + 1 V ≤ VIN ≤ 30 V
100 µA ≤ IOUT ≤ 150 mA and TJ =
25
℃
–2
2
IGND
Ground pin current (1) (4)
IOUT = 0 mA
3.2
μA
100 µA ≤ IOUT ≤ 150 mA , TJ = –40°C
to 85°C
3.2
4.2
100 µA ≤ IOUT ≤ 150 mA
3.2
4.8
100 µA ≤ IOUT ≤ 150 mA , VIN = 30 V
5.8
ΔVOUT (ΔIOUT)
Load regulation (1)
VOUT ≥ 3.3 V, 100 µA < IOUT < 10 mA
0.002
%/A
VOUT ≥ 3.3 V, 100 µA < IOUT < 50 mA
0.01
VOUT ≥ 3.3 V, 100 µA < IOUT < 100
mA
0.02
0.05
ΔVOUT (ΔVIN)
Line regulation (2)
VOUT(NOM) + 1 V ≤ VIN ≤ 30 V
0.02
0.05
%/V
Vn
Output noise
voltage
BW = 10 Hz to
100 kHz, COUT
= 10 μF
IOUT = 1 mA
487
μVrms
IOUT = 50 mA
577
ICL
Output current limit
VOUT = 0 V
250
750
mA
PSRR
Power-supply ripple rejection
f = 100 kHz, COUT = 10 μF
60
dB
VDO
Dropout voltage
VIN = VOUT(nom) – 0.1 V, IOUT = 10
mA
75
mV
VIN = VOUT(nom) – 0.1 V, IOUT = 50
mA
400
VIN = VOUT(nom) – 0.1 V, IOUT = 150
mA
1000
1500
(1)
TLV709 is stable and fuctional over the entire load current range from 0mA to ICL.
(2)
Minimum VIN = VOUT + 1V or the value shown for Input voltage in this table, whichever is greater.
(3)
For adjustable device, output accuracy excludes the tolerance and mismatch associated with external resistors used for setting up the
output voltage.
(4)
See Leakage null control circuitThe TLV709 family employs a leakage null control circuit. This circuit is active only if output current is
less than pass FET leakage current. The circuit is typically active when output load is less than 5 μA, VIN is greater than 18 V, and die
temperature is greater than 100°C.
TLV709
SLVSGU2 – FEBRUARY 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com