Electronic Components Datasheet Search
  English  ▼

X  

TLV709 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV709
Description  TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV709 Datasheet(HTML) 3 Page - Texas Instruments

  TLV709 Datasheet HTML 1Page - Texas Instruments TLV709 Datasheet HTML 2Page - Texas Instruments TLV709 Datasheet HTML 3Page - Texas Instruments TLV709 Datasheet HTML 4Page - Texas Instruments TLV709 Datasheet HTML 5Page - Texas Instruments TLV709 Datasheet HTML 6Page - Texas Instruments TLV709 Datasheet HTML 7Page - Texas Instruments TLV709 Datasheet HTML 8Page - Texas Instruments TLV709 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
5 Pin Configuration and Functions
IN
GND
NC
OUT
NC
1
2
3
4
5
Figure 5-1. DBV Package (Fixed), 5-Pin SOT-23
(Top View)
IN
GND
NC
OUT
FB
1
2
3
4
5
Figure 5-2. DBV Package (Adjustable),
5-Pin SOT-23 (Top View)
GND
IN
OUT
1
2
3
Figure 5-3. PK Package (IN Tab), 4-Pin SOT-89
(Top View)
OUT
GND
IN
1
2
3
Figure 5-4. PK Package (GND Tab), 4-Pin SOT-89
(Top View)
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
DBV
(Fixed)
DBV
(Adj)
PK
(IN Tab)
PK
(GND Tab)
GND
2
2
1
2, 4
—
Ground pin.
IN
1
1
2, 4
3
I
Input supply pin. See the Recommended Operating Conditions table and
Input and Output Capacitor Requirements section for more information.
OUT
5
5
3
1
O
Output of the regulator. See the Recommended Operating Conditions
table and Input and Output Capacitor Requirements section for more
information.
FB
—
4
—
—
I
In the adjustable configuration, this pin sets the output voltage with the
help of a feedback divider.
NC
3, 4
3
—
—
—
Not internally connected. This pin can be left open or tied to ground for
improved thermal performance.
www.ti.com
TLV709
SLVSGU2 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLV709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com