Electronic Components Datasheet Search
  English  ▼

X  

TLV709 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV709
Description  TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV709 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV709 Datasheet HTML 9Page - Texas Instruments TLV709 Datasheet HTML 10Page - Texas Instruments TLV709 Datasheet HTML 11Page - Texas Instruments TLV709 Datasheet HTML 12Page - Texas Instruments TLV709 Datasheet HTML 13Page - Texas Instruments TLV709 Datasheet HTML 14Page - Texas Instruments TLV709 Datasheet HTML 15Page - Texas Instruments TLV709 Datasheet HTML 16Page - Texas Instruments TLV709 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TLV709 LDO regulator is a good choice for battery-powered applications and is a good supply for low-power
microcontrollers, such as the MSP430, because of the device low IQ performance across load current range. The
ultra-low-supply current of the TLV709 maximizes efficiency at light loads and the high input voltage range and
flexibility of output voltage selection in adjustable configuration and fixed output levels makes the device optimal
as a supply in building automation and power tools.
8.2 Typical Application
IN
OUT
TLV70933
GND
V
IN
V
OUT
0.1μF
GND
0.47μF
Figure 8-1. Typical Application Circuit (Fixed-Voltage Version)
TLV70901
IN
OUT
FB
GND
0.1μF
VIN
GND
GND
CFB
GND
VOUT
0.47µF
Figure 8-2. TLV70901 Adjustable LDO Regulator Programming
NOTE: Dotted lines indicate an optional input capacitor. See the Recommended Operating Conditions table and the Input and Output
Capacitor Requirements section.
Table 8-1. Adjustable Output Voltage for Resistors R1 and R2
OUTPUT VOLTAGE (V)
R1 (MΩ)
R2 (MΩ)
1.8
0.499
1
2.8
1.33
1
5.0
3.16
1
8.2.1 Design Requirements
Table 8-2 summarizes the design requirements for Figure 8-1.
Table 8-2. Design Parameters
PARAMETER
DESIGN REQUIREMENT
Input voltage
12 V
Output voltage
3.3 V
Output current
100 mA
www.ti.com
TLV709
SLVSGU2 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com