Electronic Components Datasheet Search
  English  ▼

X  

OP490 Datasheet(PDF) 4 Page - Analog Devices

Part # OP490
Description  Low Voltage Micropower Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP490 Datasheet(HTML) 4 Page - Analog Devices

  OP490 Datasheet HTML 1Page - Analog Devices OP490 Datasheet HTML 2Page - Analog Devices OP490 Datasheet HTML 3Page - Analog Devices OP490 Datasheet HTML 4Page - Analog Devices OP490 Datasheet HTML 5Page - Analog Devices OP490 Datasheet HTML 6Page - Analog Devices OP490 Datasheet HTML 7Page - Analog Devices OP490 Datasheet HTML 8Page - Analog Devices OP490 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. C
OP490
–4–
+IN
–IN
OUTPUT
V+
V–
Figure 1. Simplified Schematic
Parameter
Symbol
Conditions
Limits
Unit
Input Offset Voltage
VOS
0.75
mV max
Input Offset Current
IOS
VCM = 0 V
5
nA max
Input Bias Current
IB
VCM = 0 V
20
nA max
Large Signal Voltage Gain
AVO
VS =
±15 V, VO = ±10 V,
RL = 100 k
W
500
V/mV min
RL = 10 k
W
250
V/mV min
V+ = 5 V, V– = 0 V
125
V/mV min
1 V < VO < 4 V, RL = 100 k
W
Input Voltage Range
IVR
V+ = 5 V, V– = 0 V
0/4
V min
VS =
±15 V*
–15/+13.5
V min
Output Voltage Swing
VO
VS =
±15 V
RL = 10 k
W±13.5
V min
RL = 2 k
W±10.5
V min
VOH
V+ = 5 V, V– = 0 V, RL = 2 k
W
4.0
V min
VOL
V+ = 5 V, V– = 0 V, RL = 10 k
W
500
mV max
Common-Mode Rejection Ratio
CMRR
V+ = 5 V, V– = 0 V, 0 V < VCM < 4 V
80
dB min
VS =
±15 V, –15 V < VCM < +13.5 V
90
dB min
Power Supply Rejection Ratio
PSRR
10
mV/V max
Supply Current (All Amplifiers)
ISY
VS =
±15 V, No Load
80
mA max
NOTE
*Guaranteed by CMRR test.
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualifications through sample lot assembly and testing.
WAFER TEST LIMITS (@ V
S =
1.5 V to
15 V, TA = 25 C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com