Electronic Components Datasheet Search
  English  ▼

X  

OP490 Datasheet(PDF) 7 Page - Analog Devices

Part # OP490
Description  Low Voltage Micropower Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP490 Datasheet(HTML) 7 Page - Analog Devices

Back Button OP490 Datasheet HTML 3Page - Analog Devices OP490 Datasheet HTML 4Page - Analog Devices OP490 Datasheet HTML 5Page - Analog Devices OP490 Datasheet HTML 6Page - Analog Devices OP490 Datasheet HTML 7Page - Analog Devices OP490 Datasheet HTML 8Page - Analog Devices OP490 Datasheet HTML 9Page - Analog Devices OP490 Datasheet HTML 10Page - Analog Devices OP490 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. C
–7–
OP490
FREQUENCY – Hz
60
40
–20
10
100k
100
1k
10k
20
0
VS = 15V
TA = 25 C
TPC 7. Closed-Loop Gain vs. Frequency
LOAD RESISTANCE –
6
5
0
100
100k
1k
10k
3
2
1
4
V+ = 5V, V– = 0V
TA = 25 C
TPC 8. Output Voltage Swing vs. Load Resistance
LOAD RESISTANCE –
16
14
0
100
100k
1k
10k
10
6
2
12
VS = 15
TA = 25 C
8
4
POSITIVE
NEGATIVE
TPC 9. Output Voltage Swing vs. Load Resistance
LOAD RESISTANCE –
120
20
11k
10
100
80
40
TA = 25 C
100
60
POSITIVE SUPPLY
NEGATIVE SUPPLY
TPC 10. Power Supply Rejection vs. Frequency
FREQUENCY – Hz
140
0.1
1k
80
110
100
120
40
VS = 15V
TA = 25 C
100
60
TPC 11. Common-Mode Rejection vs. Frequency
FREQUENCY – Hz
1k
100
1
0.1
1k
110
100
10
VS = 15V
TA = 25 C
TPC 12. Noise Voltage Density vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com