Electronic Components Datasheet Search
  English  ▼

X  

OP490 Datasheet(PDF) 5 Page - Analog Devices

Part # OP490
Description  Low Voltage Micropower Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP490 Datasheet(HTML) 5 Page - Analog Devices

  OP490 Datasheet HTML 1Page - Analog Devices OP490 Datasheet HTML 2Page - Analog Devices OP490 Datasheet HTML 3Page - Analog Devices OP490 Datasheet HTML 4Page - Analog Devices OP490 Datasheet HTML 5Page - Analog Devices OP490 Datasheet HTML 6Page - Analog Devices OP490 Datasheet HTML 7Page - Analog Devices OP490 Datasheet HTML 8Page - Analog Devices OP490 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. C
OP490
–5–
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Digital Input Voltage . . . . . . . . [(V–) – 20 V] to [(V+) + 20 V]
Common-Mode Input Voltage [(V–) – 20 V] to [(V+) + 20 V]
Output Short Circuit Duration . . . . . . . . . . . . . . . Continuous
Storage Temperature Range
Y and P Packages . . . . . . . . . . . . . . . . . . . –65
∞C to +150∞C
Operating Temperature Range
OP490E, OP490F . . . . . . . . . . . . . . . . . . . –25
∞C to +85∞C
OP490G . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
∞C to +85∞C
Junction Temperature (TJ) . . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
∞C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Package Type
JA*
JC
Unit
14-Pin Hermetic DIP (Y)
99
12
∞C/W
14-Pin Plastic DIP (P)
76
33
∞C/W
16-Pin SOL (S)
92
27
∞C/W
*
qJA is specified for worst case mounting conditions, i.e., qJA is specified for
device in socket for CERDIP and PDIP packages;
qJA is specified for device
soldered to printed circuit board for SOL package
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP490 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
SMD Part Number
ADI Equivalent
5962-89670013A
*
OP490ATCMDA
5962-8967001CA
*
OP490AYMDA
*Not recommended for new designs. Obsolete April 2002.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
OP490EY
*
–25
∞C to +85∞C14-Lead CERDIP
Y-14
OP490FY
*
–25
∞C to +85∞C 14-Lead CERDIP
Y-14
OP490GP
–40
∞C to +85∞C14-Lead Plastic DIP P-14
OP490GS
–40
∞C to +85∞C 16-Lead SOIC
S-14
*Not recommended for new designs. Obsolete April 2002.
For Military processed devices, please refer to the Standard
Microcircuit Drawing (SMD) available at
www.dscc.dla.mil/programs/milspec/default.asp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com