Electronic Components Datasheet Search
  English  ▼

X  

OP490EY Datasheet(PDF) 6 Page - Analog Devices

Part # OP490EY
Description  Low Voltage Micropower Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP490EY Datasheet(HTML) 6 Page - Analog Devices

Back Button OP490EY Datasheet HTML 2Page - Analog Devices OP490EY Datasheet HTML 3Page - Analog Devices OP490EY Datasheet HTML 4Page - Analog Devices OP490EY Datasheet HTML 5Page - Analog Devices OP490EY Datasheet HTML 6Page - Analog Devices OP490EY Datasheet HTML 7Page - Analog Devices OP490EY Datasheet HTML 8Page - Analog Devices OP490EY Datasheet HTML 9Page - Analog Devices OP490EY Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. C
OP490
–6–
TEMPERATURE – C
0
0.3
0.2
0.1
–75
125
–50
–25
0
25
50
0.4
VS = 15V
75
TPC 1. Input Offset Voltage vs. Temperature
TEMPERATURE – C
0.2
1.0
0.8
0.6
0.4
1.4
1.2
–75
125
–50
–25
0
25
50
1.6
VS = 15V
75
TPC 2. Input Offset Current vs. Temperature
TEMPERATURE – C
3.6
4.4
4.2
4.0
3.8
4.6
–75
125
–50
–25
0
25
50
4.8
VS = 15V
75
TPC 3. Input Bias Current vs. Temperature
TEMPERATURE – C
30
70
60
50
40
80
–75
125
–50
–25
0
25
50
90
VS = 15V
VS = 1.5V
75
TPC 4. Total Supply Current vs. Temperature
SINGLE-SUPPLY VOLTAGE – V
600
0
030
5
10
15
20
25
500
400
300
200
100
TA = 25 C
RL = 10k
25 C
85 C
125 C
TPC 5. Open-Loop Gain vs. Single-Supply Voltage
FREQUENCY – Hz
140
0
0.1
100k
1
10
100
1k
10k
120
100
80
40
20
60
VS = 15V
TA = 25 C
RL = 10k
0
45
135
180
90
GAIN
TPC 6. Open-Loop Gain and Phase Shift vs. Frequency
–Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com