Electronic Components Datasheet Search
  English  ▼

X  

OP490EY Datasheet(PDF) 11 Page - Analog Devices

Part # OP490EY
Description  Low Voltage Micropower Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP490EY Datasheet(HTML) 11 Page - Analog Devices

Back Button OP490EY Datasheet HTML 7Page - Analog Devices OP490EY Datasheet HTML 8Page - Analog Devices OP490EY Datasheet HTML 9Page - Analog Devices OP490EY Datasheet HTML 10Page - Analog Devices OP490EY Datasheet HTML 11Page - Analog Devices OP490EY Datasheet HTML 12Page - Analog Devices OP490EY Datasheet HTML 13Page - Analog Devices OP490EY Datasheet HTML 14Page - Analog Devices OP490EY Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. C
OP490
–11–
10
21
12
27
5
8
1/4
OP490E
A
+5V
R1
100k
11
4
2
VREFA
1
VOUTA
DAC A
1/4
DAC8408
1/4
OP490E
B
R2
100k
6
7
VOUTB
DAC B
1/4
DAC8408
VREFB
1/4
OP490E
C
R3
100k
13
14
VOUTC
DAC C
1/4
DAC8408
VREFC
1/4
OP490E
D
R4
100k
9
8
VOUTD
DAC D
1/4
DAC8408
VREFD
IOUT2A/2B
IOUT1A
IOUT2C/2D
IOUT1B
IOUT1C
DAC DATA BUS
PIN9(LSB) – 16(MSB)
2
2
REFERENCE
VOLTAGE
1.5V
21
25
5
4
6
24
23
IOUT1D
OP490EY
DAC8408ET
A/B
17
R/W
18
DS1
19
20
DS2
DIGITAL
CONTROL
SIGNALS
28
DGND
Figure 6. Micropower Single-Supply Quad Voltage Output 8-Bit DAC
Micropower Single-Supply Quad Voltage-Output 8-Bit DAC
The circuit of Figure 6 uses the DAC8408 CMOS quad 8-bit
DAC, and the OP490 to form a single-supply quad voltage-output
DAC with a supply drain of only 140
mA. The DAC8408 is used
in voltage switching mode and each DAC has an output resistance
(
ª10 kW) independent of the digital input code. The output
amplifiers act as buffers to avoid loading the DACs. The 100 k
W
resistors ensure that the OP490 outputs will swing below 0.8 V
when required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com