Electronic Components Datasheet Search
  English  ▼

X  

OP490EY Datasheet(PDF) 1 Page - Analog Devices

Part # OP490EY
Description  Low Voltage Micropower Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP490EY Datasheet(HTML) 1 Page - Analog Devices

  OP490EY Datasheet HTML 1Page - Analog Devices OP490EY Datasheet HTML 2Page - Analog Devices OP490EY Datasheet HTML 3Page - Analog Devices OP490EY Datasheet HTML 4Page - Analog Devices OP490EY Datasheet HTML 5Page - Analog Devices OP490EY Datasheet HTML 6Page - Analog Devices OP490EY Datasheet HTML 7Page - Analog Devices OP490EY Datasheet HTML 8Page - Analog Devices OP490EY Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
that may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
OP490
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Low Voltage Micropower
Quad Operational Amplifier
PIN CONNECTION
FEATURES
Single/Dual-Supply Operation
1.6 V to 36 V
0.8 V to
18 V
True Single-Supply Operation; Input and Output
Voltage Ranges Include Ground
Low Supply Current: 80
A Max
High Output Drive: 5 mA Min
Low Offset Voltage: 0.5 mA Max
High Open-Loop Gain: 700 V/mV Min
Outstanding PSRR: 5.6 mV/V Min
Industry Standard Quad Pinouts
Available in Die Form
GENERAL DESCRIPTION
The OP490 is a high-performance micropower quad op amp
that operates from a single supply of 1.6 V to 36 V or from
dual supplies of
±0.8 V to ±18 V. Input voltage range includes
the negative rail allowing the OP490 to accommodate input
signals down to ground in single-supply operation. The
OP490’s output swing also includes ground when operating
from a single supply, enabling “zero-in, zero-out” operation.
The quad OP490 draws less than 20
mA of quiescent supply
current per amplifier, but each amplifier is able to deliver
over 5 mA of output current to a load. Input offset voltage is
under 0.5 mV with offset drift below 5
mV/∞C over the military
temperature range. Gain exceeds over 700,000 and CMR is
better than 100 dB. A PSRR of under 5.6
mV/V minimizes
offset voltage changes experienced in battery-powered systems.
The quad OP490 combines high performance with the space
and cost savings of quad amplifiers. The minimal voltage and
current requirements of the OP490 make it ideal for battery-
and solar-powered applications, such as portable instruments
and remote sensors.
14-Lead Hermetic DIP
(Y Suffix)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
–IN D
+IN D
V–
+IN C
–IN C
OUT C
OUT D
14-Lead Plastic DIP
(P Suffix)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
–IN D
+IN D
V–
+IN C
–IN C
OUT C
OUT D
16-Lead SOIC
(S Suffix)
1
2
3
4
5
6
7
8
14
13
12
11
10
9
15
16
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
–IN D
+IN D
V–
+IN C
–IN C
OUT C
OUT D
NC
NC
NC = NO CONNECT


Similar Part No. - OP490EY

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
OP490 MAXWELL-OP490 Datasheet
249Kb / 9P
Low Voltage Micropower Quad Operational Amplifier
logo
Analog Devices
OP490 AD-OP490 Datasheet
226Kb / 16P
Low Voltage, Micropower, Quad Operational Amplifier
Rev. E
OP490GP AD-OP490GP Datasheet
226Kb / 16P
Low Voltage, Micropower, Quad Operational Amplifier
Rev. E
OP490GPZ AD-OP490GPZ Datasheet
226Kb / 16P
Low Voltage, Micropower, Quad Operational Amplifier
Rev. E
OP490GS AD-OP490GS Datasheet
226Kb / 16P
Low Voltage, Micropower, Quad Operational Amplifier
Rev. E
More results

Similar Description - OP490EY

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2902 NSC-LP2902 Datasheet
323Kb / 10P
Micropower Quad Operational Amplifier
LP324 NSC-LP324 Datasheet
364Kb / 11P
Micropower Quad Operational Amplifier
logo
Analog Devices
OP-420 AD-OP-420 Datasheet
180Kb / 6P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
logo
Maxwell Technologies
OP490 MAXWELL-OP490 Datasheet
249Kb / 9P
Low Voltage Micropower Quad Operational Amplifier
logo
Texas Instruments
LP2902 TI1-LP2902 Datasheet
407Kb / 13P
Micropower Quad Operational Amplifier
logo
Analog Devices
OP490GPZ AD-OP490GPZ Datasheet
226Kb / 16P
Low Voltage, Micropower, Quad Operational Amplifier
Rev. E
OP420CY AD-OP420CY Datasheet
111Kb / 8P
Quad Micropower Operational Amplifier
REV. A
OP-420 AD-OP-420_15 Datasheet
1Mb / 8P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP-883 AD-OP-883_15 Datasheet
1Mb / 8P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP490 AD-OP490_15 Datasheet
226Kb / 16P
Low Voltage, Micropower, Quad Operational Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com