Electronic Components Datasheet Search
  English  ▼

X  

P89V51RC2FBC Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P89V51RC2FBC
Description  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RC2FBC Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P89V51RC2FBC Datasheet HTML 17Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 18Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 19Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 20Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 21Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 22Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 23Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 24Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
P89V51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 12 November 2009
21 of 80
NXP Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
A chip-erase operation can be performed using a commercially available parallel
programer. This operation will erase the contents of this boot block and it will be
necessary for the user to reprogram this boot block (block 1) with the NXP-provided
ISP/IAP code in order to use the ISP or IAP capabilities of this device. Go to
http://www.nxp.com/support for questions or to obtain the hex file for this device.
6.3.3 ISP
ISP is performed without removing the microcontroller from the system. The ISP facility
consists of a series of internal hardware resources coupled with internal firmware to
facilitate remote programming of the P89V51RB2/RC2/RD2 through the serial port. This
firmware is provided by NXP and embedded within each P89V51RB2/RC2/RD2 device.
The NXP ISP facility has made in-circuit programming in an embedded application
possible with a minimum of additional expense in components and circuit board area. The
ISP function uses five pins (VDD, VSS, TXD, RXD, and RST). Only a small connector
needs to be available to interface your application to an external circuit in order to use this
feature.
6.3.4 Using ISP
The ISP feature allows for a wide range of baud rates to be used in your application,
independent of the oscillator frequency. It is also adaptable to a wide range of oscillator
frequencies. This is accomplished by measuring the bit-time of a single bit in a received
character. This information is then used to program the baud rate in terms of timer counts
based on the oscillator frequency. The ISP feature requires that an initial character (an
uppercase U) be sent to the P89V51RB2/RC2/RD2 to establish the baud rate. The ISP
firmware provides auto-echo of received characters. Once baud rate initialization has
been performed, the ISP firmware will only accept Intel Hex-type records. Intel Hex
records consist of ASCII characters used to represent hexadecimal values and are
summarized below:
:NNAAAARRDD..DDCC<crlf>
In the Intel Hex record, the ‘NN’ represents the number of data bytes in the record. The
P89V51RB2/RC2/RD2 will accept up to 32 data bytes. The ‘AAAA’ string represents the
address of the first byte in the record. If there are zero bytes in the record, this field is often
set to 0000. The ‘RR’ string indicates the record type. A record type of ‘00’ is a data
record. A record type of ‘01’ indicates the end-of-file mark. In this application, additional
record types will be added to indicate either commands or data for the ISP facility.
The maximum number of data bytes in a record is limited to 32 (decimal). ISP commands
are summarized in Table 12. As a record is received by the P89V51RB2/RC2/RD2, the
information in the record is stored internally and a checksum calculation is performed. The
operation indicated by the record type is not performed until the entire record has been
received. Should an error occur in the checksum, the P89V51RB2/RC2/RD2 will send an
‘X’ out the serial port indicating a checksum error. If the checksum calculation is found to
match the checksum in the record, then the command will be executed. In most cases,
successful reception of the record will be indicated by transmitting a ‘.’ character out the
serial port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com