Electronic Components Datasheet Search
  English  ▼

X  

P89V51RC2FBC Datasheet(PDF) 72 Page - NXP Semiconductors

Part # P89V51RC2FBC
Description  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RC2FBC Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button P89V51RC2FBC Datasheet HTML 68Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 69Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 70Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 71Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 72Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 73Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 74Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 75Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
P89V51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 12 November 2009
72 of 80
NXP Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
Fig 40. Test load example
All other pins disconnected
Fig 41. IDD test condition, Active mode
All other pins disconnected
Fig 42. IDD test condition, Idle mode
002aaa555
to DUT
to tester
CL
002aaa556
VDD
VDD
VDD
P0
EA
RST
XTAL2
(n.c.)
clock
signal
XTAL1
VSS
IDD
VDD
8
DUT
002aaa557
VDD
VDD
VDD
P0
EA
RST
XTAL2
(n.c.)
clock
signal
XTAL1
VSS
IDD
8
DUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com