Electronic Components Datasheet Search
  English  ▼

X  

P89V51RC2FBC Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P89V51RC2FBC
Description  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RC2FBC Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P89V51RC2FBC Datasheet HTML 3Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 4Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 5Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 6Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 7Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 8Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 9Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 10Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
P89V51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 12 November 2009
7 of 80
NXP Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
P1.2/ECI
3
42
4
I/O
P1.2 — Port 1 bit 2.
I
ECI — External clock input. This signal is the external
clock input for the PCA.
P1.3/CEX0
4
43
5
I/O
P1.3 — Port 1 bit 3.
I/O
CEX0 — Capture/compare external I/O for PCA Module 0.
Each capture/compare module connects to a Port 1 pin for
external I/O. When not used by the PCA, this pin can
handle standard I/O.
P1.4/SS/CEX1 5
44
6
I/O
P1.4 — Port 1 bit 4.
I
SS — Slave port select input for SPI.
I/O
CEX1 — Capture/compare external I/O for PCA Module 1.
P1.5/MOSI/
CEX2
6
1
7
I/O
P1.5 — Port 1 bit 5.
I/O
MOSI — Master Output Slave Input for SPI.
I/O
CEX2 — Capture/compare external I/O for PCA Module 2.
P1.6/MISO/
CEX3
7
2
8
I/O
P1.6 — Port 1 bit 6.
I/O
MISO — Master Input Slave Output for SPI.
I/O
CEX3 — Capture/compare external I/O for PCA Module 3.
P1.7/SPICLK/
CEX4
8
3
9
I/O
P1.7 — Port 1 bit 7.
I/O
SPICLK — Serial clock input/output for SPI.
I/O
CEX4 — Capture/compare external I/O for PCA Module 4.
P2.0 to P2.7
I/O with
internal
pull-up
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal
pull-ups. Port 2 pins are pulled HIGH by the internal
pull-ups when ‘1’s are written to them and can be used as
inputs in this state. As inputs, Port 2 pins that are
externally pulled LOW will source current (IIL) because of
the internal pull-ups. Port 2 sends the high-order address
byte during fetches from external program memory and
during accesses to external Data Memory that use 16-bit
address (MOVX@DPTR). In this application, it uses strong
internal pull-ups when transitioning to ‘1’s. Port 2 also
receives some control signals and a partial of high-order
address bits during the external host mode programming
and verification.
P2.0/A8
21
18
24
I/O
P2.0 — Port 2 bit 0.
O
A8 — Address bit 8.
P2.1/A9
22
19
25
I/O
P2.1 — Port 2 bit 1.
O
A9 — Address bit 9.
P2.2/A10
23
20
26
I/O
P2.2 — Port 2 bit 2.
O
A10 — Address bit 10.
P2.3/A11
24
21
27
I/O
P2.3 — Port 2 bit 3.
O
A11 — Address bit 11.
P2.4/A12
25
22
28
I/O
P2.4 — Port 2 bit 4.
O
A12 — Address bit 12.
Table 3.
P89V51RB2/RC2/RD2 pin description …continued
Symbol
Pin
Type
Description
DIP40
TQFP44
PLCC44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com