Electronic Components Datasheet Search
  English  ▼

X  

VRPC-10B Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # VRPC-10B
Description  NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPC-10B Datasheet(HTML) 5 Page - Bel Fuse Inc.

  VRPC-10B Datasheet HTML 1Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 2Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 3Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 4Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 5Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 6Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 7Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 8Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 06.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06VRPC-10B
5V Input / 1.5 – 3.3V Output / 10A
General Specifications
1. Vin=5V, full load and Ta=25° C.
r
e
t
e
m
a
r
a
P
e
l
u
d
o
M
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
s
t
i
n
U
y
c
n
e
i
c
i
f
f
E
1
V
3
.
3
V
5
.
2
V
5
.
1
η
2
9
0
9
5
8
4
9
2
9
7
8
%
y
c
n
e
u
q
e
r
F
g
n
i
h
c
t
i
w
Sll
Aw
s
F0
3
20
0
30
4
3z
H
k
e
g
n
a
R
m
i
r
T
e
g
a
t
l
o
V
t
u
p
t
u
O
V
3
.
3
V
5
.
2
V
5
.
1
0
7
0
7
0
9
0
1
1
0
1
1
0
2
1
%
n
o
i
t
a
s
n
e
p
m
o
C
e
s
n
e
S
e
t
o
m
e
Rll
A
0
1%
t
h
g
i
e
Wll
A
2
.
9
g
Control Specifications
r
e
t
e
m
a
r
a
P
e
l
u
d
o
M
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
s
t
i
n
U
f
f
O
/
n
O
e
t
o
m
e
Rll
An
e
t
u
o
V
V
)
n
O
t
i
n
U
(
w
o
L
l
a
n
g
i
Sll
A3
.
0
-
3
.
0V
)
f
f
O
t
i
n
U
(
h
g
i
H
l
a
n
g
i
Sll
A8
.
2
5
.
5V
page 5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com