Electronic Components Datasheet Search
  English  ▼

X  

VRPC-10B Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # VRPC-10B
Description  NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPC-10B Datasheet(HTML) 9 Page - Bel Fuse Inc.

  VRPC-10B Datasheet HTML 1Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 2Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 3Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 4Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 5Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 6Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 7Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 8Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 06.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06VRPC-10B
5V Input / 1.5 – 3.3V Output / 10A
page 9
Mechanical
0.20
[5.08]
0.28
[7.11]
2.50 [63.50]
0.10 [2.54]
1.90 [48.26]
0.13
[3.30]
0.55
[13.97]
0.025
[0.64]
0.183
[4.65]
0.36
[9.14]
max
0.063
[1.60]
Dimensions are in inches [millimeters].
Standard dimension tolerance is ±0.005 [0.13] unless otherwise noted.
n
i
P
n
o
i
t
c
n
u
F
1o
V
+
2o
V
+
*
3n
i
P
o
N
4o
V
+
5d
n
u
o
r
G
6d
n
u
o
r
G
7n
i
V
+
8n
i
V
+
9n
i
P
o
N
0
1m
i
r
T
1
1f
f
O
/
n
O
e
t
o
m
e
R
3
5
4
2
1
6 7 8910 11
*Pin 3 used for remote sense option.
RoHS Compliance
Complies with the European Directive 2002/95/EC, calling for the elimination of lead and other
hazardous substances from electronic products.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com