Electronic Components Datasheet Search
  English  ▼

X  

VRPC-10B Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # VRPC-10B
Description  NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPC-10B Datasheet(HTML) 1 Page - Bel Fuse Inc.

  VRPC-10B Datasheet HTML 1Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 2Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 3Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 4Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 5Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 6Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 7Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 8Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 06.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06VRPC-10B
5V Input / 1.5 – 3.3V Output / 10A
•
Nonisolated
•
Industry standard pinout
•
Fixed frequency
•
High efficiency means less power dissipation
•
High power density
•
Optimized for cost
•
Remote on/off
•
Undervoltage lockout
•
Over current and short circuit protection
Description
The Bel VRPC-10B series modules are non-isolated DC/DC power converters that operate from a nominal 5V source. These
converters are available in a range of output voltages from 1.5V to 3.3V. They are packaged in an industry standard single-
in-line footprint with 10A maximum output. Standard features include remote on/off, over current and short circuit protection
and output voltage adjust. Remote sense is an optional feature. These products may be used almost anywhere low voltage
silicon is employed and a 5V source is available. Typical applications include file servers, routers, line cards and other
computing and communications equipment.
Applications
page 1
VRPC-10B Series
•
Telecommunications
•
Networking
•
Computers and peripherals
Part Number Selection
Options
•
Remote sense
RoHS Compliant
t
u
p
t
u
O
e
g
a
t
l
o
V
t
u
p
n
I
e
g
a
t
l
o
V
t
u
p
t
u
O
.
x
a
M
t
n
e
r
r
u
C
.
x
a
M
t
u
p
t
u
O
r
e
w
o
P
l
a
c
i
p
y
T
y
c
n
e
i
c
i
f
f
E
r
e
b
m
u
N
t
r
a
P
r
e
b
m
u
N
t
r
a
P
n
o
i
t
p
O
e
s
n
e
S
e
t
o
m
e
R
V
3
.
3V
5A
0
1W
3
3%
4
90
3
3
B
0
1
-
C
P
R
VS
3
3
B
0
1
-
C
P
R
V
V
5
.
2V
5A
0
1W
5
2%
2
90
5
2
B
0
1
-
C
P
R
VS
5
2
B
0
1
-
C
P
R
V
V
5
.
1V
5A
0
1W
5
1%
7
80
5
1
B
0
1
-
C
P
R
VS
5
1
B
0
1
-
C
P
R
V


Similar Part No. - VRPC-10B

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPC-10A BEL-VRPC-10A Datasheet
237Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
VRPC-10A150 BEL-VRPC-10A150 Datasheet
237Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
VRPC-10A15S BEL-VRPC-10A15S Datasheet
237Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
VRPC-10A250 BEL-VRPC-10A250 Datasheet
237Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
VRPC-10A25S BEL-VRPC-10A25S Datasheet
237Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
More results

Similar Description - VRPC-10B

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PB-06B BEL-V7PB-06B Datasheet
214Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
V7PC-10A BEL-V7PC-10A Datasheet
313Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 10A
V7PC-10B BEL-V7PC-10B Datasheet
291Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
V7PC-10C BEL-V7PC-10C Datasheet
332Kb / 10P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
V7PB-10B BEL-V7PB-10B Datasheet
242Kb / 18P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
VRPB-06B BEL-VRPB-06B Datasheet
182Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
VRPB-10B BEL-VRPB-10B Datasheet
248Kb / 18P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
VRPC-10A BEL-VRPC-10A Datasheet
237Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
VRPC-10C BEL-VRPC-10C Datasheet
259Kb / 10P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com