Electronic Components Datasheet Search
  English  ▼

X  

82C85 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 82C85
Description  CMOS Static Clock Controller/Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82C85 Datasheet(HTML) 2 Page - Renesas Technology Corp

  82C85 Datasheet HTML 1Page - Renesas Technology Corp 82C85 Datasheet HTML 2Page - Renesas Technology Corp 82C85 Datasheet HTML 3Page - Renesas Technology Corp 82C85 Datasheet HTML 4Page - Renesas Technology Corp 82C85 Datasheet HTML 5Page - Renesas Technology Corp 82C85 Datasheet HTML 6Page - Renesas Technology Corp 82C85 Datasheet HTML 7Page - Renesas Technology Corp 82C85 Datasheet HTML 8Page - Renesas Technology Corp 82C85 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
82C85
FN2976 Rev.0.00
Page 2 of 21
March 1997
Pin Descriptions
SYMBOL
DIP PIN
NUMBER
TYPE
DESCRIPTION
X1
X2
23
22
I
O
CRYSTAL CONNECTIONS: X1 and X2 are the crystal oscillator connections. The crystal frequency
must be 3 times the maximum desired processor clock frequency. X1 is the oscillator circuit input and
X2 is the output of the oscillator circuit. If the crystal inputs are not used, X1 must be tied to VCC or GND,
and X2 should be left open.
EFI
20
I
EXTERNAL FREQUENCY IN: When F/C is HIGH, CLK is generated from the EFI input signal. This input
signal should be a square wave with a frequency of three times the maximum desired CLK output fre-
quency. If the crystal inputs are not used. XI must be tied to VCC or GND, and X2 should be left open.
F/C
19
I
FREQUENCY/CRYSTAL SELECT: F/C selects either the crystal oscillator or the EFI input as the main
frequency source. When F/C is LOW, the 82C85 clocks are derived from the crystal oscillator circuit.
When F/C is HIGH, CLK is generated from the EFI input. F/C cannot be dynamically switched during
normal operation.
START
11
I
A low-to-high transition on START will restart the CLK, CLK50 and PCLK outputs after the appropriate
restart sequence is completed.
When in the crystal mode (F/C LOW) with the oscillator stopped. The oscillator will be restarted when a
Start command is received. The CLK, CLK50 and PCLK outputs will start after the oscillator input signal
(X1) reaches the Schmitt trigger input threshold and 8K internal counter reaches terminal count. If F/C
is HIGH (EFI mode), CLK, CLK50 and PCLK will restart within 3 EFI cycles after START is recognized.
The 82C85 will restart in the same mode (SLO/FST) in which it stopped. A high level on START disables
the STOP mode.
SO
S1
S2/STOP
13
14
15
I
I
I
S2/STOP, S1, SO are used to stop the 82C85 clock outputs (CLK, CLK50, PCLK) and are sampled by
the rising edge of CLK, CLK50 and PCLK are stopped by S2/STOP, S1, SO being in the LHH state on
the low-to-high transition of CLK. This LHH state must follow a passive HHH state occurring on the pre-
vious low-to-high CLK transition. CLK and CLK50 stop in the high state when F/C is low and may stop
in either the high or low state when F/C is high. PCLK stops in its current state (high or low).
When in the crystal mode (F/C) low and a STOP command is issued, the 82C85 oscillator will stop along with
the CLK, CLK50 and PCLK outputs. When in the EFI mode, only the CLK, CLK50 and PCLK outputs will be
halted. The oscillator circuit if operational, will continue to run. The oscillator and/or clock is restarted by the
START input signal going true (HIGH) or the reset input (RES) going low.
SLO/FST
12
I
SLO/FST is a level-triggered input. When HIGH, the CLK and CLK50 outputs run at the maximum fre-
quency (crystal or EFI frequency divided by 3). When LOW, CLK and CLK50 frequencies are equal to
the crystal or EFI frequency divided by 768. SLO/FST changes are internally synchronized so proper
CLK and CLK50 phase relationships are maintained and minimum pulse width specifications are met.
START and STOP control of the oscillator or EFI is available in either the SLOW or FAST frequency
modes. The SLO/FST input must be held LOW for at least 195 OSC/EFI clock cycles before it will be
recognized. This eliminates unwanted frequency changes which could be caused by glitches or noise
transients. The SLO/FST input must be held HIGH for at least 6 OSC/EFI clock pulses to guarantee a
transition to FAST mode operation.
CLK
8
O
PROCESSOR CLOCK: CLK is the clock output used by the 80C86 or 80C88 processor and other pe-
ripheral devices. When SLO/FST is high, CLK has an output frequency which is equal to the crystal or
EFI input frequency divided by three. When SLO/FST is low, CLK has an output frequency which is
equal to the crystal or EFI input frequency divided by 768. CLK has a 33% duty cycle.
CLK50
10
O
50% DUTY CYCLE CLOCK: CLK50 is an auxiliary clock with a 50% duty cycle and is synchronized to
the falling edge of CLK. When SLO/FST is high, CLK50 has an output frequency which is equal to the
crystal or EFI input frequency divided by 3. When SLO/FST is low, CLK50 has an output frequency equal
to the crystal or EFI input frequency divided by 768.
PCLK
2
O
PERIPHERAL CLOCK: PCLK is a peripheral clock signal whose output frequency is equal to the crystal
or EFI input frequency divided by 6 and has a 50% duty cycle. PCLK frequency is unaffected by the state
of the SLO/FST input.
OSC
18
O
OSCILLATOR OUTPUT: OSC is the output of the internal oscillator circuitry. Its frequency is equal to
that of the crystal oscillator circuit. OSC is unaffected by the state of the SLO/FST input.
When the 82C85 is in the crystal mode (F/C low) and a STOP command is issued, the OSC output will
stop in the HIGH state. When the 82C85 is in the EFI mode (F/C HIGH, the oscillator (if operational) will
continue to run when a STOP command is issued and OSC remains active.
RES
17
I
RESET IN: RES is an active LOW signal which is used to generate RESET. The 82C85 provides a
Schmitt trigger input so that an RC connection can be used to establish the power-up reset of proper
duration. RES starts crystal oscillator operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com