Electronic Components Datasheet Search
  English  ▼

X  

9FG430 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 9FG430
Description  Four Output Differential Frequency Generator for PCIe Gen3 and QPI
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9FG430 Datasheet(HTML) 3 Page - Renesas Technology Corp

  9FG430 Datasheet HTML 1Page - Renesas Technology Corp 9FG430 Datasheet HTML 2Page - Renesas Technology Corp 9FG430 Datasheet HTML 3Page - Renesas Technology Corp 9FG430 Datasheet HTML 4Page - Renesas Technology Corp 9FG430 Datasheet HTML 5Page - Renesas Technology Corp 9FG430 Datasheet HTML 6Page - Renesas Technology Corp 9FG430 Datasheet HTML 7Page - Renesas Technology Corp 9FG430 Datasheet HTML 8Page - Renesas Technology Corp 9FG430 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
IDT®
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
1681D—04/04/17
9FG430
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
3
Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
XIN/CLKIN
IN
Crystal input or Reference Clock input
2
X2
OUT
Crystal output, Nominally 14.318MHz
3
VDD
PWR
Power supply, nominal 3.3V
4
GND
PWR
Ground pin.
5
REFOUT
OUT
Reference Clock output
6
vFS2
IN
Frequency select pin. This pin has an internal 120k pull down resistor
7
DIF_3
OUT
0.7V differential true clock output
8
DIF_3#
OUT
0.7V differential Complementary clock output
9
VDD
PWR
Power supply, nominal 3.3V
10
GND
PWR
Ground pin.
11
DIF_2
OUT
0.7V differential true clock output
12
DIF_2#
OUT
0.7V differential Complementary clock output
13
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
14
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
15
DIF_STOP#
IN
Active low input to stop differential output clocks.
16
vSPREAD
IN
Asynchronous, active high input to enable spread spectrum functionality. This pin
has a 120Kohm pull down resistor.
17
^SEL14M_25M#
IN
Select 14.31818 MHz or 25 Mhz input frequency. This pin has an internal 120kohm
pull up resistor.
1 = 14.31818 MHz, 0 = 25 MHz
18
DIF_1#
OUT
0.7V differential Complementary clock output
19
DIF_1
OUT
0.7V differential true clock output
20
GND
PWR
Ground pin.
21
VDD
PWR
Power supply, nominal 3.3V
22
DIF_0#
OUT
0.7V differential Complementary clock output
23
DIF_0
OUT
0.7V differential true clock output
24
vFS1
IN
Frequency select pin.
25
vFS0
IN
Frequency select pin.
26
IREF
OUT
This pin establishes the reference for the differential current-mode output pairs. It
requires a fixed precision resistor to ground. 475ohm is the standard value for
100ohm differential impedance. Other impedances require different values. See
data sheet.
27
GNDA
PWR
Ground pin for the PLL core.
28
VDDA
PWR
3.3V power for the PLL core.
Note:
^ indicates internal 120K pull up
v indicates internal 120K pull down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com