Electronic Components Datasheet Search
  English  ▼

X  

9FG430 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 9FG430
Description  Four Output Differential Frequency Generator for PCIe Gen3 and QPI
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9FG430 Datasheet(HTML) 1 Page - Renesas Technology Corp

  9FG430 Datasheet HTML 1Page - Renesas Technology Corp 9FG430 Datasheet HTML 2Page - Renesas Technology Corp 9FG430 Datasheet HTML 3Page - Renesas Technology Corp 9FG430 Datasheet HTML 4Page - Renesas Technology Corp 9FG430 Datasheet HTML 5Page - Renesas Technology Corp 9FG430 Datasheet HTML 6Page - Renesas Technology Corp 9FG430 Datasheet HTML 7Page - Renesas Technology Corp 9FG430 Datasheet HTML 8Page - Renesas Technology Corp 9FG430 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
9FG430
IDT®
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
1681D—04/04/17
Four Output Differential Frequency Generator
for PCIe Gen3 and QPI
1
DATASHEET
General Description:
The 9FG430 is a Frequency Timing Generator that provides 4
HCSL differential output pairs. These outputs support PCI-Express
Gen3, and QPI applications. The part supports Spread Spectrum
and synthesizes several additional output frequencies from either
a 14.31818 MHz crystal, a 25 MHz crystal or reference input clock.
The 9FG430 also outputs a copy of the reference clock. Complete
control of the device is available via strapping pins or via the
SMBus inteface.
Recommended Application:
4 Output Differential Frequency Generator for PCIe Gen3 and QPI
Output Features:
•
4 - 0.7V current mode differential HCSL output pairs
•
1 - 3.3V LVTTL REF output
Features/Benefits:
•
Pin-to-Pin with 9FG104D/Easy upgrade to PCIe Gen3
•
Generates common frequencies from 14.318 MHz or 25
MHz; single part supports mulitple applications
•
Provides copy of reference output; eleminates need for
additional crystal or oscillator
•
Unused outputs may be disabled in Hi-Z; save system
power
•
Device may be configured by SMBus and/or strap pins;
can be used in systems without SMBus
Key Specifications:
•
Cycle-to-cycle jitter: < 50ps with 25MHz input
•
Output-to-output skew: <50ps
•
Phase jitter: PCIe Gen3 < 1ps rms
•
Phase jitter: QPI 9.6GB/s < 0.2ps rms
•
10 ppm synthesis error with 25MHz input and Spread Off
Functional Block Diagram
STOP
LOGIC
XIN/CLKIN
X2
DIF(3:0)
CONTROL
LOGIC
SPREAD
FS(2:0)
SDATA
SCLK
SEL14M_25M#
DIF_STOP#
PROGRAMMABLE
SPREAD PLL
4
IREF
OSC
REFOUT


Similar Part No. - 9FG430

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FG430 IDT-9FG430 Datasheet
211Kb / 18P
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
9FG430AFILF IDT-9FG430AFILF Datasheet
211Kb / 18P
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
9FG430AFILF IDT-9FG430AFILF Datasheet
195Kb / 18P
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
9FG430AFILFT IDT-9FG430AFILFT Datasheet
211Kb / 18P
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
9FG430AFILFT IDT-9FG430AFILFT Datasheet
195Kb / 18P
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
More results

Similar Description - 9FG430

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DB423B IDT-9DB423B Datasheet
286Kb / 19P
Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
9FG430 IDT-9FG430 Datasheet
211Kb / 18P
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
9FG830 IDT-9FG830 Datasheet
225Kb / 19P
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
logo
Silicon Laboratories
SI53019-A02A SILABS-SI53019-A02A Datasheet
1Mb / 37P
19-OUTPUT PCIE GEN3 AND QPI BUFFER
logo
Integrated Device Techn...
9FG430 IDT-9FG430_17 Datasheet
195Kb / 18P
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
9FG830 IDT-9FG830_17 Datasheet
202Kb / 19P
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
logo
Renesas Technology Corp
9ZX21200 RENESAS-9ZX21200 Datasheet
9Mb / 18P
12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN3 AND QPI
REV D 041513
9ZXL1230 RENESAS-9ZXL1230 Datasheet
422Kb / 19P
12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI
REV C 112015
9FG830 RENESAS-9FG830 Datasheet
341Kb / 20P
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
2019
logo
Skyworks Solutions Inc.
SI53019-A02A SKYWORKS-SI53019-A02A Datasheet
1Mb / 37P
19-OUTPUT PCIE GEN3 AND QPI BUFFER
Rev. 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com