Electronic Components Datasheet Search
  English  ▼

X  

9FG430 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 9FG430
Description  Four Output Differential Frequency Generator for PCIe Gen3 and QPI
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9FG430 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 9FG430 Datasheet HTML 8Page - Renesas Technology Corp 9FG430 Datasheet HTML 9Page - Renesas Technology Corp 9FG430 Datasheet HTML 10Page - Renesas Technology Corp 9FG430 Datasheet HTML 11Page - Renesas Technology Corp 9FG430 Datasheet HTML 12Page - Renesas Technology Corp 9FG430 Datasheet HTML 13Page - Renesas Technology Corp 9FG430 Datasheet HTML 14Page - Renesas Technology Corp 9FG430 Datasheet HTML 15Page - Renesas Technology Corp 9FG430 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
IDT®
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
1681D—04/04/17
9FG430
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
12
SMBus Table: Device Control Register, READ/WRITE ADDRESS (DC/DD)
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
RW
Pin 17
Bit 6
RW
Pin 6
Bit 5
RW
Pin 24
Bit 4
RW
Pin 25
Bit 3
RW
Off
On
Pin 16
Bit 2
RW
Hardware Select Software Select
0
Bit 1
RW
Driven
Hi-Z
0
Bit 0
RW
Down
Center
0
Notes:
1. These bits reflect the state of the corresponding pins at power up, but may be written to
if Byte 0, bit 2 is set to '1'. FS3 is the SEL14M_25M# pin.
SMBus Table: Output Enable Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
1
Bit 6
DIF_3 EN
Output Enable
RW
Disable
Enable
1
Bit 5
DIF_2 EN
Output Enable
RW
Disable
Enable
1
Bit 4
1
Bit 3
1
Bit 2
DIF_1 EN
Output Enable
RW
Disable
Enable
1
Bit 1
DIF_0 EN
Output Enable
RW
Disable
Enable
1
Bit 0
1
SMBus Table: Output Stop Control Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
DIF_3 STOP EN
Free Run/ Stop Enable
RW
Free-run
Stop-able
0
Bit 5
DIF_2 STOP EN
Free Run/ Stop Enable
RW
Free-run
Stop-able
0
Bit 4
0
Bit 3
0
Bit 2
DIF_1 STOP EN
Free Run/ Stop Enable
RW
Free-run
Stop-able
0
Bit 1
DIF_0 STOP EN
Free Run/ Stop Enable
RW
Free-run
Stop-able
0
Bit 0
0
Reserved
Reserved
Reserved
Reserved
Reserved
24
25
Byte 0
17
6
16
Spread Enable1
-
Enable Software Control of Frequency, Spread Enable
(Spread Type always Software Control)
DIF_STOP# drive mode
SPREAD TYPE
Byte 1
-
-
-
-
-
-
-
-
Byte 2
-
-
-
-
-
-
See Frequency Selection Table,
Page 1
FS31
FS21
FS11
FS01
-
-
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com